Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90365EDC-ABB Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # MLX90365EDC-ABB
Description  Triaxis짰 Position Sensor IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90365EDC-ABB Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button MLX90365EDC-ABB Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90365EDC-ABB Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90365EDC-ABB Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90365EDC-ABB Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90365EDC-ABB Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90365EDC-ABB Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90365EDC-ABB Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90365EDC-ABB Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90365EDC-ABB Datasheet HTML 15Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
MLX90365
Triaxis® Position Sensor IC
MLX90365
Page 11 of 35
Datasheet
Rev. 5.7
Jan. 22, 16
PWM OUTPUT - DC Operating Parameters at Nominal Supply Voltage VDD = VPU (unless otherwise
specified) and for TA as specified by the Temperature suffix L.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
PWM Frequency
FPWM
Programmable Range
(PWM Output Enabled)
100
1000
Hz
Initial Tolerance (25 Deg.C.)
± 2%
FPWM
After EOL tuning (25 Deg.C.)
± 1%
FPWM
Thermal/Lifetime drift
± 3%
FPWM
Start-up Cycle
Tsu
PWM OUT Slew-rate excluded
100Hz
250Hz
1000Hz
11.8
5.8
5.8
13
7
7
ms
Digital Output Rise Time
LSD – Mode 5
4.7nF, RL = 1 kΩ PU
4.7nF, RL = 10 kΩ PU
10nF, RL = 1 kΩ PU
PP – Mode 7
4.7nF, RL = 1 kΩ PU
4.7nF, RL = 10 kΩ PU
10nF, RL = 1 kΩ PU
10
100
20
3
3
4
12
120
24
5
5
7
µs
µs
µs
µs
µs
µs
Digital Output Fall Time
LSD – Mode 5
4.7nF, RL = 1 kΩ PU
4.7nF, RL = 10 kΩ PU
10nF, RL = 1 kΩ PU
PP – Mode 7
4.7nF, RL = 1 kΩ PU
4.7nF, RL = 10 kΩ PU
10nF, RL = 1 kΩ PU
2
2
4
2
2
4
3
3
7
3
3
7
µs
µs
µs
µs
µs
µs


Similar Part No. - MLX90365EDC-ABB

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90365EDCABD000RE MELEXIS-MLX90365EDCABD000RE Datasheet
897Kb / 35P
   Triaxis짰 Position Sensor IC
More results

Similar Description - MLX90365EDC-ABB

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90365 MELEXIS-MLX90365 Datasheet
897Kb / 35P
   Triaxis짰 Position Sensor IC
MLX90377 MELEXIS-MLX90377 Datasheet
3Mb / 90P
   Triaxis짰 Position Sensor IC
MLX90371EAC MELEXIS-MLX90371EAC Datasheet
1Mb / 40P
   Triaxis짰 Position Sensor
MLX90333 MELEXIS-MLX90333_13 Datasheet
1Mb / 48P
   Triaxis짰 Position Sensor
MLX90364 MELEXIS-MLX90364 Datasheet
1Mb / 36P
   Triaxis짰 Position Sensor Assembly
MLX90364LVS-ADD MELEXIS-MLX90364LVS-ADD Datasheet
1Mb / 36P
   Triaxis짰 Position Sensor Assembly
MLX90374 MELEXIS-MLX90374 Datasheet
2Mb / 77P
   Triaxis짰 Position Processor
MLX90373 MELEXIS-MLX90373 Datasheet
3Mb / 55P
   Triaxis짰 Position Processor
MLX90378 MELEXIS-MLX90378 Datasheet
2Mb / 66P
   Triaxis짰 Position Processor
MLX90324 MELEXIS-MLX90324 Datasheet
879Kb / 41P
   ?쏹nder-the-Hood??Triaxis짰 Rotary Position
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com