Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIA440DJ Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIA440DJ
Description  N-Channel 40 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIA440DJ Datasheet(HTML) 7 Page - Vishay Siliconix

  SIA440DJ Datasheet HTML 1Page - Vishay Siliconix SIA440DJ Datasheet HTML 2Page - Vishay Siliconix SIA440DJ Datasheet HTML 3Page - Vishay Siliconix SIA440DJ Datasheet HTML 4Page - Vishay Siliconix SIA440DJ Datasheet HTML 5Page - Vishay Siliconix SIA440DJ Datasheet HTML 6Page - Vishay Siliconix SIA440DJ Datasheet HTML 7Page - Vishay Siliconix SIA440DJ Datasheet HTML 8Page - Vishay Siliconix SIA440DJ Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Vishay Siliconix
Package Information
Document Number: 73001
06-Aug-07
www.vishay.com
1
PowerPAK® SC70-6L
DIM
SINGLE PAD
DUAL PAD
MILLIMETERS
INCHES
MILLIMETERS
INCHES
Min
Nom
Max
Min
Nom
Max
Min
Nom
Max
Min
Nom
Max
A
0.675
0.75
0.80
0.027
0.030
0.032
0.675
0.75
0.80
0.027
0.030
0.032
A1
0
-
0.05
0
-
0.002
0
-
0.05
0
-
0.002
b
0.23
0.30
0.38
0.009
0.012
0.015
0.23
0.30
0.38
0.009
0.012
0.015
C
0.15
0.20
0.25
0.006
0.008
0.010
0.15
0.20
0.25
0.006
0.008
0.010
D
1.98
2.05
2.15
0.078
0.081
0.085
1.98
2.05
2.15
0.078
0.081
0.085
D1
0.85
0.95
1.05
0.033
0.037
0.041
0.513
0.613
0.713
0.020
0.024
0.028
D2
0.135
0.235
0.335
0.005
0.009
0.013
E
1.98
2.05
2.15
0.078
0.081
0.085
1.98
2.05
2.15
0.078
0.081
0.085
E1
1.40
1.50
1.60
0.055
0.059
0.063
0.85
0.95
1.05
0.033
0.037
0.041
E2
0.345
0.395
0.445
0.014
0.016
0.018
E3
0.425
0.475
0.525
0.017
0.019
0.021
e
0.65 BSC
0.026 BSC
0.65 BSC
0.026 BSC
K
0.275 TYP
0.011 TYP
0.275 TYP
0.011 TYP
K1
0.400 TYP
0.016 TYP
0.320 TYP
0.013 TYP
K2
0.240 TYP
0.009 TYP
0.252 TYP
0.010 TYP
K3
0.225 TYP
0.009 TYP
K4
0.355 TYP
0.014 TYP
L
0.175
0.275
0.375
0.007
0.011
0.015
0.175
0.275
0.375
0.007
0.011
0.015
T
0.05
0.10
0.15
0.002
0.004
0.006
ECN: C-07431
− Rev. C, 06-Aug-07
DWG: 5934
BACKSIDE VIEW OF SINGLE
BACKSIDE VIEW OF DUAL
Notes:
1. All dimensions are in millimeters
2. Package outline exclusive of mold flash and metal burr
3. Package outline inclusive of plating
PIN1
PIN6
PIN5
PIN4
PIN2
PIN3
A
Z
DETAIL Z
z
D
K1
K2
K3
K2
K2
e
b
b
e
PIN6
PIN5
PIN4
PIN1
PIN3
PIN2
D1
D2
D1
D1
K1


Similar Part No. - SIA440DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SIA440DJ TFUNK-SIA440DJ Datasheet
236Kb / 9P
   N-Channel 40 V (D-S) MOSFET
logo
Vishay Siliconix
SIA440DJ VISHAY-SIA440DJ_V01 Datasheet
238Kb / 9P
   N-Channel 40 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIA440DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SIRA58DP VISHAY-SIRA58DP Datasheet
409Kb / 13P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
SUM90N04-3M3P VISHAY-SUM90N04-3M3P Datasheet
185Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. B, 02-Dec-13
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM90N04-01P ANALOGPOWER-AM90N04-01P Datasheet
315Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
SISS10DN VISHAY-SISS10DN Datasheet
330Kb / 9P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
logo
Analog Power
AM2344N ANALOGPOWER-AM2344N Datasheet
313Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Mar-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com