Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JG0-0025NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # JG0-0025NL
Description  PulseJack 1xN Tab-Up
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

JG0-0025NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  JG0-0025NL Datasheet HTML 1Page - Pulse A Technitrol Company JG0-0025NL Datasheet HTML 2Page - Pulse A Technitrol Company JG0-0025NL Datasheet HTML 3Page - Pulse A Technitrol Company JG0-0025NL Datasheet HTML 4Page - Pulse A Technitrol Company JG0-0025NL Datasheet HTML 5Page - Pulse A Technitrol Company JG0-0025NL Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
J410.I (12/11)
1
pulseelectronics.com
PulseJack™
1xN Tab-Up
RoHS peak wave solder temperature rating 260°C
1xN Tab-UP 10-pin RJ45 with internal magnetics
Suitable for CAT 5 & 6 Fast Ethernet Cable or better UTP
Meets IEEE 802.3 specification
350µH minimum OCL with 8mA bias current
High performance for maximum EMI suppression
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
RoHS
Compliant
Part Number
1-10
MHz
30
MHz
60-80
MHz
1-10
MHz
30-60
MHz
60-100
MHz
1-125
MHz
125-500
MHz
@ 60Hz
1 MIN
JG0-0023NL
1x2
G/G
-1.0
-20
-16
-12
-40
-35
-30
-30
-20
1500
JG0-0024NL
1x2
G/G
-1.0
-20
-16
-12
-40
-35
-30
-30
-20
1500
JG0-0025NL
1x4
G/G
-1.0
-20
-16
-12
-40
-35
-30
-30
-20
1500
JG0-0026NL
1x4
G/G
-1.0
-20
-16
-12
-40
-35
-30
-30
-20
1500
JG0-0027NL
1x6
G/G
-1.0
-20
-16
-12
-40
-35
-30
-30
-20
1500
JG0-0028NL
1x8
G/G
-1.0
-20
-16
-12
-40
-35
-30
-30
-20
1500
Description:
10/100/1000 Base-T RJ45 1xN Tab-UP Integrated Connector Module (ICM) with or without LEDs,
designed to support such applications as: SOHO (ADSL modems), LAN-on-Motherboard (LOM),
Hub and Switches.
Features and Benefits:
Common Mode
Rejection
(dB TYP)
Crosstalk
(dB TYP)
Hipot
(Vrms MIN)
Electrical Specifications @ 25°C - Operating Temperature 0°C to +70°C
Return Loss
(dB TYP)
100
Ω (± 15 Ω)
Number
of Ports
1-100
MHz
LEDs
L/R
Insertion
Loss
TX/RX
(dB TYP)
RJ45 Durability Testing Rating
Part Number
Mating Force
(MAX)
Unmating Force
(MAX)
Durability
Plug to Jack
Retention (MIN)
JG0 Series
5 Ibs./2.268 kgs.
5 Ibs./2.268 kgs.
750 Insertions
20 Ibs./9.072 kgs.
RJ45 Material Specification
Part
Number
Shield
Contact
Material
Finish
Material
Plating Area
Solder Area
Material
Specification
MSL
JG0 Series
Brass
20-40µ inches thick Nickel
over brass
Phosphor
Bronze
30µ inches gold over
30-80µ inches nickel
Tin matte finish
Thermoplastic UL 94 V-0
1
Housing
Notes: 1. Connector dimensions comply with FCC part 68 dimension requirements.
2. MSL = Moisture Sensitivity Level rating from 1 to 5 (highest rating = 1, lowest rating = 5).
2
Notes:
1. LEDs Left/Right:
G = green.


Similar Part No. - JG0-0025NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
JG0-0025NL PULSE-JG0-0025NL Datasheet
306Kb / 6P
   Integrated Connector Module
More results

Similar Description - JG0-0025NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
J416 PULSE-J416 Datasheet
781Kb / 4P
   1XN, Tab-Up, PoE
JXR1-0015NL PULSE-JXR1-0015NL Datasheet
897Kb / 5P
   PulseJack??1X1 Tab-Up RJ45
J430 PULSE-J430 Datasheet
512Kb / 4P
   PulseJack Low Profile 1x2 Gigabit Tab-Up
J404 PULSE-J404 Datasheet
1Mb / 6P
   1xN Tab-Down
JXR0-0011NL PULSE-JXR0-0011NL Datasheet
742Kb / 5P
   PulseJack 1X1 Tab-Down RJ45
logo
Molex Electronics Ltd.
2084731502 MOLEX-2084731502 Datasheet
2Mb / 9P
   DDQ BIPASS 1XN
2021/03/02
logo
Pulse A Technitrol Comp...
J0C-0006NLT PULSE-J0C-0006NLT Datasheet
1Mb / 12P
   PulseJack Surface Mount 1x1
J405 PULSE-J405 Datasheet
1Mb / 6P
   PulseJack 2xN GIGABIT
JXT4-1128HL PULSE-JXT4-1128HL Datasheet
805Kb / 4P
   PulseJack™ 1X1 Tab-Down, Low profile Industrial ICM for PCI Express
J502.A 4/22
logo
XFMRS Inc.
XFATM2ZA-CTXU1-4M XFMRS-XFATM2ZA-CTXU1-4M_15 Datasheet
253Kb / 2P
   TAB UP COMBO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com