Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T498B227K010ATE500 Datasheet(PDF) 9 Page - Kemet Corporation

Part # T498B227K010ATE500
Description  T498 Series Automotive Grade MnO2 150째C
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T498B227K010ATE500 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button T498B227K010ATE500 Datasheet HTML 5Page - Kemet Corporation T498B227K010ATE500 Datasheet HTML 6Page - Kemet Corporation T498B227K010ATE500 Datasheet HTML 7Page - Kemet Corporation T498B227K010ATE500 Datasheet HTML 8Page - Kemet Corporation T498B227K010ATE500 Datasheet HTML 9Page - Kemet Corporation T498B227K010ATE500 Datasheet HTML 10Page - Kemet Corporation T498B227K010ATE500 Datasheet HTML 11Page - Kemet Corporation T498B227K010ATE500 Datasheet HTML 12Page - Kemet Corporation T498B227K010ATE500 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2053_T498_AUTO • 8/10/2016
99
Tantalum Surface Mount Capacitors – Automotive Grade
T498 Series Automotive Grade MnO2 150°C
Recommended Voltage Derating Guidelines
Rated
Voltage
Working Voltage
Recommended
Application Voltage (for
maximum reliability)
85°C
150°C
85°C
150°C
6.3
6.3
4.22
3.15
2.08
10
10
6.70
5
3.30
16
16
10.72
8
5.28
20
20
13.40
10
6.60
25
25
16.75
12.5
8.25
35
35
23.45
17.5
11.55
50
50
33.50
25
16.50
Ripple Current/Ripple Voltage
Permissible AC ripple voltage and current are related to
equivalent series resistance (ESR) and the power dissipation
capabilities of the device. Permissible AC ripple voltage
which may be applied is limited by two criteria:
1. The positive peak AC voltage plus the DC bias voltage,
if any, must not exceed the DC voltage rating of the
capacitor.
2. The negative peak AC voltage in combination with
bias voltage, if any, must not exceed the allowable limits
specifiedforreversevoltage.SeetheReverseVoltage
section for allowable limits.
Themaximumpowerdissipationbycasesizecanbe
determined using the table at right. The maximum power
dissipation rating stated in the table must be reduced with
increasing environmental operating temperatures. Refer to
the table below for temperature compensation requirements.
Temperature Compensation Multipliers
for Maximum Ripple Current
T≤25°C
T≤85°C
T≤125°C
T≤150°C
1.00
0.90
0.40
0.30
T= Environmental Temperature
The maximum power dissipation rating must be reduced with increasing
environmental operating temperatures. Refer to the Temperature
Compensation Multiplier table for details.
KEMET Series
and Case Code
EIA
Case Code
Maximum Power
Dissipation
(P max) mWatts
at 25°C with
+20°C Rise
A
3216–18
75
B
3528–21
85
C
6032–28
110
D
7343–31
150
X
7343–43
165
E
7360–38
200
S
3216–12
60
T
3528–12
70
U
6032–15
90
V
7343–20
125
T510X
7343–43
270
T510E
7360–38
285
Using the P max of the device, the maximum allowable rms
ripple current or voltage may be determined.
I(max) = √P max/R
E(max) = Z √P max/R
I = rms ripple current (amperes)
E = rms ripple voltage (volts)
P max = maximum power dissipation (watts)
R = ESR at specified frequency (ohms)
Z = Impedance at specified frequency (ohms)
0
0.2
0.4
0.6
0.8
1
1.2
−55
25
85
125
150
Temperature (ºC)
% Change in Working DC Voltage with
Temperature
Recommended Maximum Application
Voltage (As % of Rated Voltage)
67%
33%


Similar Part No. - T498B227K010ATE500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T498B227K010ATE500 KEMET-T498B227K010ATE500 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
More results

Similar Description - T498B227K010ATE500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T499B474K035ATE8K0 KEMET-T499B474K035ATE8K0 Datasheet
2Mb / 17P
   Tantalum Surface Mount Capacitors . Automotive Grade T499 Series Automotive Grade MnO2 175C
T498D106K050ATE1K0 KEMET-T498D106K050ATE1K0 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??High Temperature T498 150C Rated MnO2 Series
T510X477M006ATA030 KEMET-T510X477M006ATA030 Datasheet
1Mb / 15P
   T510 Series Automotive Grade Multiple Anode Low ESR MnO2
logo
ATMEL Corporation
ATMEGA16M1AUTO ATMEL-ATMEGA16M1AUTO Datasheet
413Kb / 12P
   Automotive Specification at 150째C
logo
Kemet Corporation
T491C105K050AT KEMET-T491C105K050AT Datasheet
2Mb / 25P
   T491 Series Industrial Grade MnO2
T491C226K006AT KEMET-T491C226K006AT Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
T491A106M006AT KEMET-T491A106M006AT Datasheet
2Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A106M010AT KEMET-T491A106M010AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491C107K016ZT KEMET-T491C107K016ZT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A475M016AT KEMET-T491A475M016AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com