Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T498A227K004AGE500 Datasheet(PDF) 3 Page - Kemet Corporation

Part # T498A227K004AGE500
Description  T498 Series Automotive Grade MnO2 150째C
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T498A227K004AGE500 Datasheet(HTML) 3 Page - Kemet Corporation

  T498A227K004AGE500 Datasheet HTML 1Page - Kemet Corporation T498A227K004AGE500 Datasheet HTML 2Page - Kemet Corporation T498A227K004AGE500 Datasheet HTML 3Page - Kemet Corporation T498A227K004AGE500 Datasheet HTML 4Page - Kemet Corporation T498A227K004AGE500 Datasheet HTML 5Page - Kemet Corporation T498A227K004AGE500 Datasheet HTML 6Page - Kemet Corporation T498A227K004AGE500 Datasheet HTML 7Page - Kemet Corporation T498A227K004AGE500 Datasheet HTML 8Page - Kemet Corporation T498A227K004AGE500 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2053_T498_AUTO • 8/10/2016
33
Tantalum Surface Mount Capacitors – Automotive Grade
T498 Series Automotive Grade MnO2 150°C
Qualification
Test
Condition
Characteristics
Endurance
150°C at 2/3 rated voltage, 2,000 hours
ΔC/C
Within ±10% of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within initial limits
Storage Life
150°C at 0 volts, 2,000 hours
ΔC/C
Within ±10% of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within initial limits
Thermal Shock
MIL–STD–202, Method 107, Condition B, mounted,
−55°Cto150°C,1,000cycles
ΔC/C
Within ±5% of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within initial limits
Temperature Stability
Extreme temperature exposure at a
successionofcontinuousstepsat+25ºC,
−55ºC,+25ºC,+85ºC,+150ºC,+25ºC
+25°C
−55°C
+85°C
+150°C
ΔC/C
IL*
±10%
±10%
±20%
DF
IL
IL
1.5 x IL
1.5 x IL
DCL
IL
N/A
10 x IL
12 x IL
Surge Voltage
85°C, 1.32 x rated voltage 1,000 cycles
(150°C, 1.2 x rated voltage)
ΔC/C
Within ±5% of initial value
DF
Within initial limits
DCL
Within initial limits
ESR
Within initial limits
Mechanical Shock/
Vibration
MIL–STD–202, Method 213, Condition I, 100 G peak
MIL–STD–202,Method204,ConditionD,10Hzto2,000
Hz,20Gpeak
ΔC/C
Within ±10% of initial value
DF
Within initial limits
DCL
Within initial limits
*IL = Initial Limit
Certification
KEMET’sInternalQualificationPlanforthisTantalumseriesofcapacitorsfollowsAEC–Q200guidelines.


Similar Part No. - T498A227K004AGE500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T498A227K006AGE1K5 KEMET-T498A227K006AGE1K5 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T498A227K006AGE500 KEMET-T498A227K006AGE500 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T498A227K006AHE1K5 KEMET-T498A227K006AHE1K5 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T498A227K006AHE500 KEMET-T498A227K006AHE500 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T498A227K006ATE1K5 KEMET-T498A227K006ATE1K5 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
More results

Similar Description - T498A227K004AGE500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T499B474K035ATE8K0 KEMET-T499B474K035ATE8K0 Datasheet
2Mb / 17P
   Tantalum Surface Mount Capacitors . Automotive Grade T499 Series Automotive Grade MnO2 175C
T498D106K050ATE1K0 KEMET-T498D106K050ATE1K0 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??High Temperature T498 150C Rated MnO2 Series
T510X477M006ATA030 KEMET-T510X477M006ATA030 Datasheet
1Mb / 15P
   T510 Series Automotive Grade Multiple Anode Low ESR MnO2
logo
ATMEL Corporation
ATMEGA16M1AUTO ATMEL-ATMEGA16M1AUTO Datasheet
413Kb / 12P
   Automotive Specification at 150째C
logo
Kemet Corporation
T491C105K050AT KEMET-T491C105K050AT Datasheet
2Mb / 25P
   T491 Series Industrial Grade MnO2
T491C226K006AT KEMET-T491C226K006AT Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
T491A106M006AT KEMET-T491A106M006AT Datasheet
2Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A106M010AT KEMET-T491A106M010AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491C107K016ZT KEMET-T491C107K016ZT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A475M016AT KEMET-T491A475M016AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com