Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T498B227K020AGE500 Datasheet(PDF) 8 Page - Kemet Corporation

Part # T498B227K020AGE500
Description  T498 Series Automotive Grade MnO2 150째C
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T498B227K020AGE500 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button T498B227K020AGE500 Datasheet HTML 4Page - Kemet Corporation T498B227K020AGE500 Datasheet HTML 5Page - Kemet Corporation T498B227K020AGE500 Datasheet HTML 6Page - Kemet Corporation T498B227K020AGE500 Datasheet HTML 7Page - Kemet Corporation T498B227K020AGE500 Datasheet HTML 8Page - Kemet Corporation T498B227K020AGE500 Datasheet HTML 9Page - Kemet Corporation T498B227K020AGE500 Datasheet HTML 10Page - Kemet Corporation T498B227K020AGE500 Datasheet HTML 11Page - Kemet Corporation T498B227K020AGE500 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2053_T498_AUTO • 8/10/2016
88
Tantalum Surface Mount Capacitors – Automotive Grade
T498 Series Automotive Grade MnO2 150°C
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates Capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum).
Designates Termination Finish.
Refer to Ordering Information for additional detail.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will
be marked with the higher voltage rating. Substitutions can include better than series.
Rated
Voltage
Rated
Cap
Case
Code/
Case
Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Maximum
Operating
Temp
MSL
VDC at 85ºC
µF
KEMET/EIA
(See below for
part options)
µA at +20ºC
Max/5 Min
% at +20ºC
120 Hz
Max
mΩ at 20ºC
100 kHz
Max
mA at
+25ºC 100
kHz
mA at
+85ºC 100
kHz
mA at
+125ºC 100
kHz
ºC
Reflow
Temp
≤ 260ºC
35
15
X/7343-43
T498X156(1)035A(2)E500
5.3
4.5
500
574
517
230
150
1
35
22
D/7343-31
T498D226(1)035A(2)E700
7.7
6.0
700
463
417
185
150
1
35
22
X/7343-43
T498X226(1)035A(2)E500
7.7
4.5
500
574
517
230
150
1
35
22
X/7343-43
T498X226(1)035A(2)E440
7.7
4.5
440
612
551
245
150
1
35
33
X/7343-43
T498X336(1)035A(2)E500
11.6
6.0
500
574
517
230
150
1
35
47
X/7343-43
T498X476(1)035A(2)E500
16.5
6.0
500
574
517
230
150
1
35
47
X/7343-43
T498X476(1)035A(2)E350
16.5
6.0
350
687
618
275
150
1
50
0.1
A/3216-18
T498A104(1)050A(2)E27K
0.5
3.0
27000
53
48
21
150
1
50
0.15
B/3528-21
T498B154(1)050A(2)E22K
0.5
3.0
22000
62
56
25
150
1
50
0.22
B/3528-21
T498B224(1)050A(2)E15K
0.5
3.0
15000
75
68
30
150
1
50
0.33
B/3528-21
T498B334(1)050A(2)E11K
0.5
3.0
11000
88
79
35
150
1
50
0.47
C/6032-28
T498C474(1)050A(2)E6K5
0.5
3.0
6500
130
117
52
150
1
50
0.68
C/6032-28
T498C684(1)050A(2)E5K5
0.5
3.0
5500
141
127
56
150
1
50
1
C/6032-28
T498C105(1)050A(2)E3K3
0.5
3.0
3300
183
165
73
150
1
50
1.5
D/7343-31
T498D155(1)050A(2)E2K8
0.8
4.5
2800
231
208
92
150
1
50
2.2
D/7343-31
T498D225(1)050A(2)E2K0
1.1
4.5
2000
274
247
110
150
1
50
3.3
D/7343-31
T498D335(1)050A(2)E1K1
1.7
4.5
1100
369
332
148
150
1
50
4.7
D/7343-31
T498D475(1)050A(2)E900
2.4
4.5
900
408
367
163
150
1
50
4.7
D/7343-31
T498D475(1)050A(2)E480
2.4
4.5
480
559
503
224
150
1
50
6.8
D/7343-31
T498D685(1)050A(2)E700
3.4
6.0
700
463
417
185
150
1
50
6.8
X/7343-43
T498X685(1)050A(2)E500
3.4
4.5
500
574
517
230
150
1
50
10
D/7343-31
T498D106(1)050A(2)E1K0
5.0
6.0
1000
387
348
155
150
1
50
10
X/7343-43
T498X106(1)050A(2)E500
5.0
4.5
500
574
517
230
150
1
50
10
X/7343-43
T498X106(1)050A(2)E1K0
5.0
4.5
1000
406
365
162
150
1
VDC at 85ºC
µF
KEMET/EIA
(See below for
part options)
µA at +20ºC
Max/5 Min
% at +20ºC
120 Hz
Max
mΩ at 20ºC
100 kHz
Max
mA at
+25ºC 100
kHz
mA at
+85ºC 100
kHz
mA at
+125ºC 100
kHz
ºC
Reflow
Temp
≤ 260ºC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Maximum
Operating
Temp
MSL


Similar Part No. - T498B227K020AGE500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T498B227K006AGE1K5 KEMET-T498B227K006AGE1K5 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T498B227K006AGE500 KEMET-T498B227K006AGE500 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T498B227K006AHE1K5 KEMET-T498B227K006AHE1K5 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T498B227K006AHE500 KEMET-T498B227K006AHE500 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T498B227K006ATE1K5 KEMET-T498B227K006ATE1K5 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
More results

Similar Description - T498B227K020AGE500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T499B474K035ATE8K0 KEMET-T499B474K035ATE8K0 Datasheet
2Mb / 17P
   Tantalum Surface Mount Capacitors . Automotive Grade T499 Series Automotive Grade MnO2 175C
T498D106K050ATE1K0 KEMET-T498D106K050ATE1K0 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??High Temperature T498 150C Rated MnO2 Series
T510X477M006ATA030 KEMET-T510X477M006ATA030 Datasheet
1Mb / 15P
   T510 Series Automotive Grade Multiple Anode Low ESR MnO2
logo
ATMEL Corporation
ATMEGA16M1AUTO ATMEL-ATMEGA16M1AUTO Datasheet
413Kb / 12P
   Automotive Specification at 150째C
logo
Kemet Corporation
T491C105K050AT KEMET-T491C105K050AT Datasheet
2Mb / 25P
   T491 Series Industrial Grade MnO2
T491C226K006AT KEMET-T491C226K006AT Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
T491A106M006AT KEMET-T491A106M006AT Datasheet
2Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A106M010AT KEMET-T491A106M010AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491C107K016ZT KEMET-T491C107K016ZT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A475M016AT KEMET-T491A475M016AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com