Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

009155002100006 Datasheet(PDF) 5 Page - AVX Corporation

Part # 009155002100006
Description  Ultra-Low Profile 2.5mm Pitch Battery
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

009155002100006 Datasheet(HTML) 5 Page - AVX Corporation

  009155002100006 Datasheet HTML 1Page - AVX Corporation 009155002100006 Datasheet HTML 2Page - AVX Corporation 009155002100006 Datasheet HTML 3Page - AVX Corporation 009155002100006 Datasheet HTML 4Page - AVX Corporation 009155002100006 Datasheet HTML 5Page - AVX Corporation 009155002100006 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
CONNECT
INTERCONNECT
INTER
Ultra-Low Profile
2.5mm Pitch Battery
9155-100
PACKING DETAILS
REEL QTY
1200
LEADER
500MM
TRAILER
500MM
SUGGESTED PCB LAYOUT
NOTES:
1. FOR FULL PRODUCT SPECIFICATION REFER TO ELCO
SPECIFICATION 201-01-094.
2. MATERIALS: CONTACT - COPPER ALLOY,
INSULATOR - GLASS FILLED NYLON. COLOR: BLACK.
3. TOLERANCE ±0.20 UNLESS SPECIFIED.
4. PACKING DETAILS SEE TABLE.
5. 2 EQUAL PITCHES @ 2.50 = 5.00.
6. FOR MATING PAD DETAILS REFER TO PAGE 103.
SECTION A-A
3 WAY LOW PROFILE CONNECTOR
WITH STOP


Similar Part No. - 009155002100006

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
00915500X54100X KSS-00915500X54100X Datasheet
701Kb / 7P
   Right Angle 2.5mm Pitch 9155-500
More results

Similar Description - 009155002100006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
9155-100 AVX-9155-100 Datasheet
1Mb / 6P
   Ultra-Low Profile 2.5mm Pitch Battery
logo
SUYIN USA, INC.
250117MA003XX04XX SUYIN-USA-250117MA003XX04XX Datasheet
78Kb / 1P
   2.5mm Pitch Battery
250117MA003XX00XX SUYIN-USA-250117MA003XX00XX Datasheet
98Kb / 1P
   2.5mm Pitch Battery
250007MA SUYIN-USA-250007MA Datasheet
124Kb / 1P
   2.5mm PITCH BATTERY CONNECTOR
250007MA003XX04XX SUYIN-USA-250007MA003XX04XX Datasheet
89Kb / 1P
   2.5mm Pitch Battery Connector
250040MA004XX00XX SUYIN-USA-250040MA004XX00XX Datasheet
44Kb / 1P
   2.5mm PITCH BATTERY CONNECTOR
logo
AVX Corporation
9155-200 AVX-9155-200 Datasheet
765Kb / 6P
   Reduced Battery 2.5mm Pitch
logo
SUYIN USA, INC.
060131MA SUYIN-USA-060131MA Datasheet
111Kb / 1P
   2.5mm PITCH BATTERY CONNECTOR
250103MR SUYIN-USA-250103MR Datasheet
175Kb / 1P
   2.5mm PITCH BATTERY CONNECTOR
250117MA SUYIN-USA-250117MA Datasheet
145Kb / 1P
   2.5mm PITCH BATTERY CONNECTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com