Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

00915900201916 Datasheet(PDF) 3 Page - AVX Corporation

Part # 00915900201916
Description  Standard Card Edge: BTB
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

00915900201916 Datasheet(HTML) 3 Page - AVX Corporation

  00915900201916 Datasheet HTML 1Page - AVX Corporation 00915900201916 Datasheet HTML 2Page - AVX Corporation 00915900201916 Datasheet HTML 3Page - AVX Corporation 00915900201916 Datasheet HTML 4Page - AVX Corporation 00915900201916 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
CONNECT
INTERCONNECT
INTER
PACKING DETAILS
REEL QTY
750
LEADER
500MM
TRAILER
500MM
REEL PER BOX
TBC
Standard Card Edge: BTB
00-9159
3 WAY SINGLE PART PCB STRIP CONNECTOR
NOTES:
1. FOR MORE INFORMATION REFER TO PRODUCT SPEC 201-01-118.
2. DIMENSIONS ARE REFERENCE DIMENSIONS UNLESS TOLERANCED.
3. ARROW TO INDICATE CONTACT POSITION 1.
4. INSULATOR MATERIAL: NYLON 46, UL94 HB, COLOR SEE PAGE 1.
5. CONTACT MATERIAL: COPPER ALLOY, TIN PLATED ALL OVER, OR
GOLD FLASH OVER TIN.
6. PCB PAD, TIN PLATED.
3 WAY PCB BOARD LAYOUT
THICKNESS 1.60 ± 0.15


Similar Part No. - 00915900201916

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
009159002501906 AVX-009159002501906 Datasheet
1Mb / 10P
   Inverted Thru Board Card Edge: BTB
009159002502906 AVX-009159002502906 Datasheet
1Mb / 10P
   Inverted Thru Board Card Edge: BTB
More results

Similar Description - 00915900201916

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
00-9159 AVX-00-9159 Datasheet
444Kb / 5P
   Open Ended Card Edge: BTB
009159002501906 AVX-009159002501906 Datasheet
1Mb / 10P
   Inverted Thru Board Card Edge: BTB
10-9296 AVX-10-9296 Datasheet
287Kb / 3P
   BTB Jumper
logo
FCI connector
87606-310LF FCI-CONNECTOR-87606-310LF Datasheet
88Kb / 2P
   BtB RECEPT
logo
AVX Corporation
109159002101916 AVX-109159002101916 Datasheet
880Kb / 7P
   Horizontal Plug: BTB
10-9159 AVX-10-9159 Datasheet
880Kb / 7P
   Horizontal Plug: BTB
13-9159 AVX-13-9159 Datasheet
1Mb / 6P
   Vertical Plug: BTB
20-9159 AVX-20-9159 Datasheet
534Kb / 6P
   Horizontal Socket: BTB
589159002000006 AVX-589159002000006 Datasheet
191Kb / 2P
   Shorting Socket: BTB
209159002101916 AVX-209159002101916 Datasheet
534Kb / 6P
   Horizontal Socket: BTB
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com