Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

00915900301916 Datasheet(PDF) 1 Page - AVX Corporation

Part # 00915900301916
Description  Standard Card Edge: BTB
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

00915900301916 Datasheet(HTML) 1 Page - AVX Corporation

  00915900301916 Datasheet HTML 1Page - AVX Corporation 00915900301916 Datasheet HTML 2Page - AVX Corporation 00915900301916 Datasheet HTML 3Page - AVX Corporation 00915900301916 Datasheet HTML 4Page - AVX Corporation 00915900301916 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
CONNECT
INTERCONNECT
INTER
Standard Card Edge: BTB
00-9159
The 9159 series of Board-to-Board interconnect system allows two
PCB's to be mated end-to-end creating strips of LED lighting. Designed
specifically for the unique Solid State Lighting (SSL) market requiring
coplanar (horizontal-to-horizontal) PCB mating. The 1-Piece Card Edge
connector was developed to provide a reliable, low cost and simple
means of connecting multiple PCB’s together. The single stamped
contact has dual contact beams to guarantee a high contact force on
standard 1.6mm PCB’s. These connectors are available in 2 through 5
positions and are on 2.0mm pitch centers to provide a 3 amp continuous
rating.
ELECTRICAL
• Current Rating: 3 Amps / Contact
• Voltage Rating: 300 VAC
ENVIRONMENTAL
• Operating Temperature:
-40ºC to +125ºC
MECHANICAL
• Insulator Material: Nylon 46: UL94HB
• Contact Material: Phosphor Bronze
• Plating: Tin over Nickel
• Durability: 5 Cycles
FEATURES AND BENEFITS
• Dual contacts provide positive contact force for enhanced reliability
• Mates with standard 1.6 ± 0.15mm PCB on 2.0mm pad pitch
• 3 amp current rating for high current applications
• Available in white: supports SSL market preferences
APPLICATIONS
• Coplanar PCB mating in SSL products
• LED linear lighting strips
9159
Series
00
Prefix
00X
Number of Ways
0
Single
Part PCB
Strip
Connector
HOW TO ORDER
9
Color Options
9 = UL
01
PCB Thickness
01 = 1.60 ± 0.15
Code
No of
Details
Ways
002
2
Page 2
003
3
Page 3
004
4
Page 4
005
5
Page 5
1
Packaging
Options
1 = Bag (std)
X
Plating Option
6 = Pure Tin all over
1 = Gold Flash
Certification: UL File #E90723


Similar Part No. - 00915900301916

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
009159003501906 AVX-009159003501906 Datasheet
1Mb / 10P
   Inverted Thru Board Card Edge: BTB
009159003502906 AVX-009159003502906 Datasheet
1Mb / 10P
   Inverted Thru Board Card Edge: BTB
More results

Similar Description - 00915900301916

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
00-9159 AVX-00-9159 Datasheet
444Kb / 5P
   Open Ended Card Edge: BTB
009159002501906 AVX-009159002501906 Datasheet
1Mb / 10P
   Inverted Thru Board Card Edge: BTB
10-9296 AVX-10-9296 Datasheet
287Kb / 3P
   BTB Jumper
logo
FCI connector
87606-310LF FCI-CONNECTOR-87606-310LF Datasheet
88Kb / 2P
   BtB RECEPT
logo
AVX Corporation
109159002101916 AVX-109159002101916 Datasheet
880Kb / 7P
   Horizontal Plug: BTB
10-9159 AVX-10-9159 Datasheet
880Kb / 7P
   Horizontal Plug: BTB
13-9159 AVX-13-9159 Datasheet
1Mb / 6P
   Vertical Plug: BTB
20-9159 AVX-20-9159 Datasheet
534Kb / 6P
   Horizontal Socket: BTB
589159002000006 AVX-589159002000006 Datasheet
191Kb / 2P
   Shorting Socket: BTB
209159002101916 AVX-209159002101916 Datasheet
534Kb / 6P
   Horizontal Socket: BTB
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com