Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

709150001020006 Datasheet(PDF) 2 Page - AVX Corporation

Part # 709150001020006
Description  Pogo Pin Single Contact: BTB
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

709150001020006 Datasheet(HTML) 2 Page - AVX Corporation

  709150001020006 Datasheet HTML 1Page - AVX Corporation 709150001020006 Datasheet HTML 2Page - AVX Corporation 709150001020006 Datasheet HTML 3Page - AVX Corporation 709150001020006 Datasheet HTML 4Page - AVX Corporation 709150001020006 Datasheet HTML 5Page - AVX Corporation 709150001020006 Datasheet HTML 6Page - AVX Corporation 709150001020006 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
124
CONNECT
INTER
Pogo Pin Single Contact: BTB
70-9150
1.50MM DIAMETER 2MM HIGH POGO PIN
NOTES:
1. SERIES 9150 POGO PIN, WORKING HEIGHT 2MM TO 2.3MM.
2. MATERIAL: PIN AND SLEEVE, COPPER ALLOW PLATED GOLD
OVER NICKEL. SPRING STAINLESS STEEL.
3. SUPPLIED WITH A PROTECTION CAP IN PA9T. SUITABLE FOR
PICK AND PLACE AND RE-FLOW.
4. PACKING IN TAPE AND REEL, QUANTITY PER REEL 1400.
5. DURABILITY 10,000 OPERATIONS FOR OTHER PRODUCT
DETAILS REFER TO SPECIFICATION 201-01-158.
6. GENERAL TOLERANCE ±0.20 UNLESS STATED.
7. PCB DETAILS ON PAGE 7.
FULLY DEFLECTED
PACKING DETAILS
WITH PROTECTION CAP
(AS SUPPLIED)


Similar Part No. - 709150001020006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
709155001610004 AVX-709155001610004 Datasheet
419Kb / 3P
   Low Profile Single Contact
709155001610006 AVX-709155001610006 Datasheet
419Kb / 3P
   Low Profile Single Contact
709155001610008 AVX-709155001610008 Datasheet
419Kb / 3P
   Low Profile Single Contact
709155001615004 AVX-709155001615004 Datasheet
419Kb / 3P
   Low Profile Single Contact
709155001615006 AVX-709155001615006 Datasheet
419Kb / 3P
   Low Profile Single Contact
More results

Similar Description - 709150001020006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
70-9150 AVX-70-9150 Datasheet
705Kb / 7P
   Pogo Pin Single Contact: BTB
logo
Harwin Plc
S70-125161545R HARWIN-S70-125161545R Datasheet
63Kb / 1P
   SMT POGO PIN CONTACT PAD
S70-220101045R HARWIN-S70-220101045R Datasheet
67Kb / 1P
   SMT POGO PIN CONTACT PAD
logo
Molex Electronics Ltd.
47244-0001 MOLEX-47244-0001 Datasheet
123Kb / 2P
   Pogo Pin
logo
SUYIN USA, INC.
060026MA001G103ZR SUYIN-USA-060026MA001G103ZR Datasheet
101Kb / 1P
   POGO PIN CONNECTOR
254019MA005XX00XX SUYIN-USA-254019MA005XX00XX Datasheet
64Kb / 1P
   2.54mm POGO PIN
logo
AVX Corporation
70-9155610004 AVX-70-9155610004 Datasheet
162Kb / 3P
   Single Compression Contact: Board-to-Board (BTB)
70-9159 AVX-70-9159 Datasheet
253Kb / 5P
   Coplanar BTB Contact System
logo
Harwin Plc
P70-7000045 HARWIN-P70-7000045 Datasheet
52Kb / 1P
   SMT SPRING LOADED POGO PIN
logo
SparkFun Electronics
PRT-09173 SPARKFUN-PRT-09173 Datasheet
87Kb / 2P
   Pogo Pin w/ Round Tip
9??4??7
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com