Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

229159004101916 Datasheet(PDF) 4 Page - AVX Corporation

Part # 229159004101916
Description  Top Load Socket: BTB
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

229159004101916 Datasheet(HTML) 4 Page - AVX Corporation

  229159004101916 Datasheet HTML 1Page - AVX Corporation 229159004101916 Datasheet HTML 2Page - AVX Corporation 229159004101916 Datasheet HTML 3Page - AVX Corporation 229159004101916 Datasheet HTML 4Page - AVX Corporation 229159004101916 Datasheet HTML 5Page - AVX Corporation 229159004101916 Datasheet HTML 6Page - AVX Corporation 229159004101916 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Top Load Socket: BTB
22-9159
SOCKET TOP LOADING
4 WAY 2 PART PCB STRIP CONNECTOR
NOTES:
1. FOR MORE INFORMATION REFER TO PRODUCT
SPEC 201-01-119.
2. DIMENSIONS ARE REFERENCE DIMENSIONS
UNLESS TOLERANCES.
3. INSULATOR MATERIAL: NYLON 46.
COLOR REFER TO PAGE 1.
4. CONTACT MATERIAL: COPPER ALLOY,
GOLD OVER NICKEL.
5. BRACKETS: COPPER ALLOY, TIN PLATED.
6. OUTLINE OF CONNECTOR.
7. RESTRICTED COMPONENT HEIGHT UNDER CATCH,
2.20MM MAXIMUM.
8. RESTRICTED COMPONENT HEIGHT UNDER CATCH,
0.40MM MAXIMUM.
9. PACKING TAPE AND REEL,
QUANTITY 1400 PER REEL.
4 WAY PCB BOARD LAYOUT
PACKING DETAILS
4
CONNECT
INTER


Similar Part No. - 229159004101916

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2291561 PHOENIX-2291561 Datasheet
120Kb / 4P
   FLKM 50/1-40
2291574 PHOENIX-2291574 Datasheet
114Kb / 3P
   FLKM 50/TI
logo
TE Connectivity Ltd
2291579-1 TEC-2291579-1 Datasheet
3Mb / 7P
   ZSFP PLUGGABLE I/O INTERCONNECT
logo
PHOENIX CONTACT
2291587 PHOENIX-2291587 Datasheet
111Kb / 7P
   Passive module - FLKM 50/KDS3-MT/PPA/AN/PLC
More results

Similar Description - 229159004101916

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
22-9159 AVX-22-9159 Datasheet
531Kb / 7P
   Top Load Socket: BTB
logo
Aries Electronics, Inc.
23024 ARIES-23024 Datasheet
2Mb / 3P
   Universal Top-Load Socket
logo
AVX Corporation
20-9159 AVX-20-9159 Datasheet
534Kb / 6P
   Horizontal Socket: BTB
589159002000006 AVX-589159002000006 Datasheet
191Kb / 2P
   Shorting Socket: BTB
209159002101916 AVX-209159002101916 Datasheet
534Kb / 6P
   Horizontal Socket: BTB
58-9159 AVX-58-9159 Datasheet
191Kb / 2P
   Shorting Socket: BTB
10-9296 AVX-10-9296 Datasheet
287Kb / 3P
   BTB Jumper
logo
FCI connector
87606-310LF FCI-CONNECTOR-87606-310LF Datasheet
88Kb / 2P
   BtB RECEPT
logo
Adam Technologies, Inc.
CF-50-A-SG-2 ADAM-TECH-CF-50-A-SG-2 Datasheet
147Kb / 1P
   CF TYPE SOCKET TOP MOUNT
CF2A-50-SG ADAM-TECH-CF2A-50-SG Datasheet
124Kb / 1P
   CF TYPE SOCKET TOP MOUNT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com