Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0603G0R12FNTR Datasheet(PDF) 2 Page - AVX Corporation

Part # F0603G0R12FNTR
Description  Miniature 0603 Size Thin-Film Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F0603G0R12FNTR Datasheet(HTML) 2 Page - AVX Corporation

  F0603G0R12FNTR Datasheet HTML 1Page - AVX Corporation F0603G0R12FNTR Datasheet HTML 2Page - AVX Corporation F0603G0R12FNTR Datasheet HTML 3Page - AVX Corporation F0603G0R12FNTR Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Accu-Guard® II Low Current
Miniature 0603 Size Thin-Film Fuses
Test
Conditions
Requirement
Solderability
Components completely immersed in a
Total area of imperfections in solder coating
solder bath at 245 ±5°C for 3 secs.
up to 5% of the land suface area
Leach Resistance
Components completely immersed in a solder
Dissolution of termination
bath at 255 ±5°C for 60 secs.
≤ 15% of the land surface area
Storage
12 months minimum with components
Good solderability
stored in “as received” packaging.
Shear
Components mounted to a substrate.
Destruction at 5N force minimum
Increasing shearing force applied paralled to
the sufstrate till destruction.
Temperature
Components mounted to a flexible substrate
No Visible damage
Cycling
(e.g. FR – 4). 1000 cycles -55ºC to +125ºC.
ΔR/R<10%
Bend
Tested as shown in diagram
No visible damage
ΔR/R<10%
ENVIRONMENTAL CHARACTERISTICS
45mm
45mm
3 mm�
Deflection


Similar Part No. - F0603G0R12FNTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F0603G0R12FNTR AVX-F0603G0R12FNTR Datasheet
92Kb / 4P
   MINIATURE 0603 SIZE LOW CURRENT LGA ACCU-GUARD짰 THIN FILM FUSES
More results

Similar Description - F0603G0R12FNTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F0603G0R05FNTR AVX-F0603G0R05FNTR Datasheet
92Kb / 4P
   MINIATURE 0603 SIZE LOW CURRENT LGA ACCU-GUARD짰 THIN FILM FUSES
F0402G0R05FNTR AVX-F0402G0R05FNTR Datasheet
189Kb / 4P
   Accu-Guard짰 II Low Current Miniature 0402 Size Thin-Film Fuses
F0402G0R05FNTR AVX-F0402G0R05FNTR Datasheet
189Kb / 4P
   Accu-Guard II Low Current Miniature 0402 Size Thin-Film Fuses
logo
Littelfuse
0434005.NRP LITTELFUSE-0434005.NRP Datasheet
175Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast Acting > 434 Series
0467.250NRHF LITTELFUSE-0467.250NRHF Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
04671.25NR LITTELFUSE-04671.25NR Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
046701.5NR LITTELFUSE-046701.5NR Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
0467002.NRHF LITTELFUSE-0467002.NRHF Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
0467004.NRHF LITTELFUSE-0467004.NRHF Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
0434003.NRP LITTELFUSE-0434003.NRP Datasheet
175Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast Acting > 434 Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com