Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M21050 Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # M21050
Description  Duplex Quad (Octal) Multi-Rate CDR (1.0 Gbps - 3.2 Gbps)
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21050 Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button M21050_17 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M21050_17 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M21050_17 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M21050_17 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M21050_17 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M21050_17 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M21050_17 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M21050_17 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M21050_17 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
21050-DSH-001-F
Mindspeed Technologies™
1
Mindspeed Proprietary and Confidential
1.0 Functional Description
1.1
Detailed Feature Descriptions
1.1.1
Conventions
Throughout this data sheet, physical pins will be denoted in bold italic print. An array of pins can be called by each
individual pin name (e.g. MF0, MF1, MF2, MF3, and MF6) or as an array (e.g. MF [6,3:0]). The M21050 control is
accessed through registers that employ an 8-bit address and an 8-bit data scheme. Registers are denoted in italic
print, e.g. TestRegister and individual bits within the register will be called out as TestRegister [4:3] to denote the 4th
and 3rd bit where bit 0 is the LSB and bit 7 is the MSB. Many features are bit mapped within a register; if the status
of the other bits are uncertain, it is recommended that the user reads the value from the register before writing, to
assure only the desired bits change. Writing in the same value to the bits within a register does not cause glitches
to the unchanged features. The address for the register as well as its functions can be found in detail in
Section 2.0. The purpose of the text description is to highlight the features of the register. For redundant items,
such as the channel number, the registers will have a nomenclature of TestReg_0 for channel 0, TestReg_1 for
channel 1. For general reference, the text will denote such registers as TestReg_N where N can vary from 0 to 7.
1.1.2
Reset
Upon application of power, the M21050 automatically generates a master reset. At any time, forcing xRST = L
causes the M21050 to enter the master reset state. A master reset can also be initiated through the registers in the
two-wire interface control mode by writing AAh to Mastreset. Once a master reset is initiated, all registers are
returned to the default values, the internal state machines cleared, and all CDR/BIST reset to the out-of-lock condi-
tion. After a reset, the register Mastreset will automatically return to the default value of 00h.
Each individual CDR can be soft reset by setting CDR_ctrlA_N[7] = 1 where N = 0 for CDR A0, N = 1 for CDR
A1,…,N = 4 for CDR B0,...,N = 7 for CDR B3. The bit should be returned to 0b for normal operation. In this case,
the registers that determine the CDR operation options such as data-rate, window sizes, etc., remain unchanged
and only the CDR state-machine is reset, resulting in an out-of lock condition.
1.1.3
Internal Voltage Regulator
The digital and analog core are designed to run at 1.2V, however, for operation from 1.8 to 2.5V, an internal linear
voltage regulator is provided. xRegu_En = L enables the voltage regulator which uses AVdd_I/O and DVdd_I/O to
generate the required 1.2V for AVdd_Core and DVdd_Core. In this mode, the AVdd_Core and DVdd_Core pins
should be connected to a floating DC low inductance PCB plane, and AC bypassed to Vss using standard decou-
pling techniques. If desired, AVdd_Core and DVdd_Core can be separated into individual planes. If 1.2V is avail-
able, it can be connected directly to AVdd_Core and DVdd_Core, to save power, by bypassing the internal linear
regulator with xRegu_En = H. In this case, it is recommended that the AVdd_Core and DVdd_Core pins be tied
together to a common PCB plane, and bypassed to Vss with standard decoupling techniques.


Similar Part No. - M21050_17

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21050-14 MA-COM-M21050-14 Datasheet
839Kb / 70P
   Duplex Quad Multi-Rate CDR
More results

Similar Description - M21050_17

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21012 MA-COM-M21012_17 Datasheet
1Mb / 74P
   Quad Multi-Rate CDR (42 Mbps - 3.2 Gbps)
M21050 MA-COM-M21050 Datasheet
839Kb / 70P
   Duplex Quad Multi-Rate CDR
M21012 MA-COM-M21012 Datasheet
1Mb / 73P
   Quad Multi-Rate CDR
logo
Broadcom Corporation.
BCM8040 BOARDCOM-BCM8040 Datasheet
194Kb / 2P
   QUAD XAUI/CX4/LX4 1.0-3.2-GBPS RETIMER/SWITCH
logo
National Semiconductor ...
SCAN50C400A NSC-SCAN50C400A Datasheet
1Mb / 30P
   1.25/2.5/5.0 Gbps Quad Multi-Rate Backplane Transceiver
logo
Analog Devices
AD8159 AD-AD8159 Datasheet
595Kb / 24P
   3.2 Gbps Quad Buffer Mux/Demux
REV. A
logo
Broadcom Corporation.
BCM8020 BOARDCOM-BCM8020_06 Datasheet
119Kb / 2P
   EIGHT-CHANNEL MULTIRATE 1.0-3.2-GBPS TRANSCEIVER
logo
Texas Instruments
ONET4291VA TI-ONET4291VA Datasheet
515Kb / 20P
[Old version datasheet]   1 GBPS TO 4.25 GBPS MULTI-RATE VCSEL DRIVER
ONET4291VARGPR TI-ONET4291VARGPR Datasheet
981Kb / 23P
[Old version datasheet]   1 GBPS TO 4.25 GBPS MULTI-RATE VCSEL DRIVER
logo
Broadcom Corporation.
BCM8020 BOARDCOM-BCM8020 Datasheet
126Kb / 1P
   8-CHANNEL MULTIRATE 1.0-3.2-GBPS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com