Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R75IW2820AA40M Datasheet(PDF) 5 Page - Kemet Corporation

Part # R75IW2820AA40M
Description  R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R75IW2820AA40M Datasheet(HTML) 5 Page - Kemet Corporation

  R75IW2820AA40M Datasheet HTML 1Page - Kemet Corporation R75IW2820AA40M Datasheet HTML 2Page - Kemet Corporation R75IW2820AA40M Datasheet HTML 3Page - Kemet Corporation R75IW2820AA40M Datasheet HTML 4Page - Kemet Corporation R75IW2820AA40M Datasheet HTML 5Page - Kemet Corporation R75IW2820AA40M Datasheet HTML 6Page - Kemet Corporation R75IW2820AA40M Datasheet HTML 7Page - Kemet Corporation R75IW2820AA40M Datasheet HTML 8Page - Kemet Corporation R75IW2820AA40M Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3106_R75 • 5/20/2014
5
Film Capacitors – Polypropylene Pulse/High Frequency Capacitors
R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
Performance Characteristics
Dielectric
Polypropylenefilm
Plates
Metal layer deposited by evaporation under vacuum
Winding
Non-inductive type
Leads
Tinned wire
Protection
Plasticcase,thermosettingresinfilled.BoxmaterialissolventresistantandflameretardantaccordingtoUL94.
Related Documents
IEC 60384-16
Sections
1
3
Rated Voltage V
R (VDC)
160
160
250
250
400
400
630
630
1000
1000
1250
1600
2000
Rated Voltage V
R (VAC)
70
90
140
160
200
220
220
250
250
400
600
650
700
Capacitance Range (µF)
0.1
– 0.33
0.068
– 33
0.068
– 0.22
0.027
– 33
0.027
– 0.068
0.01
– 15
0.01
– 0.027
0.001
– 8.2
0.012
– 3.9
0.00022
– 0.0082
0.0082
– 2.2
0.0039
– 1.5
0.001
– 1
Capacitance Values
E12series(IEC60063)measured@1kHzand+20±1°C
Capacitance Tolerance
±5%, ±10%, ±20%
Operating Temperature Range
-55°Cto+105°C
Rated Temperature T
R
+85°C
Voltage Derating
Above+85°CDCandACvoltagederatingis1.25%/°C
Climatic Category
55/105/56 IEC 60068-1
Averagerelativehumidity≤75%
RH = 95% for 30 days per year
RH = 85% for further days limited by average value per year
Test Voltage
1.6 x V
RVDCfor2seconds(betweenterminations)@+25°C±5°C
Capacitance Drift
Maximum0.5%aftera2yearstorageperiodatatemperatureof+10°Cto+40°Candarelativehumidityof40%to60%
Maximum Pulse Steepness
dV/dt according to Table 1. For peak to peak voltages lower than rated voltage (Vpp <V
R),thespecifieddv/dt
can be multiplied by the factor V
R/Vpp
TemperatureCoefficient
-(200±100)ppm/°Cat1kHz
Self Inductance
(Lead Length ~ 2 mm)
Lead Spacing
(mm)
7.5
10
15
22.5
27.5
37.5
L(nH)≈
8
9
10
18
18
20
Maximum 1 nH per 1 mm lead and capacitor length.
DissipationFactortanδ
MaximumValues@25°C±5°C
Frequency
C≤0.1µF
0.1µF<C≤1.0
µF
1.0µF<C≤4.7
µF
C > 4.7 µF
1 kHz
0.04%
0.05%
0.06%
0.10%
10 kHz
0.06%
0.08%
-
-
100 kHz
0.25%
-
-
-


Similar Part No. - R75IW2820AA40M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R75IW2820AA40M KEMET-R75IW2820AA40M Datasheet
1Mb / 27P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
R75IW2820AA40M KEMET-R75IW2820AA40M Datasheet
2Mb / 34P
   R75, Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
3/26/2021
More results

Similar Description - R75IW2820AA40M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R75 KEMET-R75 Datasheet
2Mb / 34P
   R75, Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
3/26/2021
R75PN2820AA30K KEMET-R75PN2820AA30K_16 Datasheet
1Mb / 27P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Kemet Corporation
F461KE223J160C KEMET-F461KE223J160C Datasheet
1Mb / 32P
   General Purpose, Pulse and DC Transient Suppression Single Metallized Polypropylene Film
logo
Illinois Capacitor, Inc...
222PPR202KE ILLINOISCAPACITOR-222PPR202KE_13 Datasheet
435Kb / 3P
   Small size Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Kemet Corporation
R71MF2100AA00J KEMET-R71MF2100AA00J Datasheet
2Mb / 21P
   R71 Series Single Metallized Polypropylene Film, Radial, SMPS PFC Applications
logo
List of Unclassifed Man...
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com