Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD0805S040S0R1 Datasheet(PDF) 4 Page - AVX Corporation

Part # SD0805S040S0R1
Description  Schottky Barrier Rectifier Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SD0805S040S0R1 Datasheet(HTML) 4 Page - AVX Corporation

  SD0805S040S0R1 Datasheet HTML 1Page - AVX Corporation SD0805S040S0R1 Datasheet HTML 2Page - AVX Corporation SD0805S040S0R1 Datasheet HTML 3Page - AVX Corporation SD0805S040S0R1 Datasheet HTML 4Page - AVX Corporation SD0805S040S0R1 Datasheet HTML 5Page - AVX Corporation SD0805S040S0R1 Datasheet HTML 6Page - AVX Corporation SD0805S040S0R1 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
083116
Schottky Barrier Rectifier Diode
Lead-less Chip Form
Schottky Barrier Rectifier Diode
Lead-less Chip Form
Max
Max
Max Peak
Reverse
Forward
Forward
Reverse Current
Forward Voltage Vf
Voltage
Current
Surge
IRRM
Rth JA
Rth JL
Cj
Marking
AVX PN
Size
Current
VRRM
IF
IFSM
Typ
Max
IF
Min
Max
V
A
A
mA
mA
A
V
V
ºC/W
ºC/W
pF
SD1206S020L2R0
1206
20
2
40
0.28
1
2
0.39
0.4
70
22
115
L2L .
SD1206S040L2R0
1206
40
2
40
0.28
1
2
0.39
0.4
70
22
115
L4L .
SD1206T020S0R5
1206
20
0.5
15
0.01
0.05
0.5
0.4
0.42
88
28
120
B2Ṣ
SD1206T040S0R5
1206
40
0.5
15
0.01
0.05
0.5
0.45
0.48
88
28
120
B4Ṣ
SD1206T060S0R5
1206
60
0.5
15
0.01
0.05
0.5
0.48
0.55
88
28
120
B6Ṣ
SD1206T020S1R0
1206
20
1
20
0.015
0.2
1
0.46
0.5
88
28
110
A2Ṣ
SD1206T040S1R0
1206
40
1
20
0.015
0.2
1
0.46
0.5
88
28
110
A4Ṣ
SD1206T060S1R0
1206
60
1
20
0.015
0.2
1
0.62
0.7
88
28
110
A6Ṣ
SD1206T100S1R0
1206
100
1
20
0.015
0.2
1
0.76
0.85
88
28
110
A10Ṣ
SD1206T020S2R0
1206
20
2
40
0.03
0.2
2
0.47
0.5
75
17
115
L2Ṣ
SD1206T040S2R0
1206
40
2
40
0.03
0.2
2
0.47
0.5
75
17
115
L4Ṣ
SD1206T060S2R0
1206
60
2
40
0.03
0.2
2
0.58
0.75
75
17
115
L6Ṣ
SD1206T100S2R0
1206
100
2
40
0.03
0.2
2
0.75
0.85
75
17
115
L10Ṣ
SD1206T040S3R0
1206
40
3
40
0.03
0.2
3
0.53
0.55
88
28
110
K4Ṣ
SD1206T060S3R0
1206
60
3
40
0.03
0.2
3
0.75
0.8
88
28
110
K6Ṣ
SD1206T020L1R0
1206
20
1
25
0.3
1
1
0.37
0.38
88
28
115
A2
LS.
SD1206T040L1R0
1206
40
1
25
0.3
1
1
0.37
0.38
88
28
115
A4
LS.
SD0805S020S0R1
805
20
0.1
2
0.004
0.03
0.1
0.38
0.45
160
110
18
F
2 .
SD0805S040S0R1
805
40
0.1
2
0.004
0.03
0.1
0.4
0.5
160
110
18
F
4 .
SD0805S020S0R2
805
20
0.2
2
0.008
0.05
0.2
0.42
0.45
160
110
15
D
2 .
SD0805S040S0R2
805
40
0.2
2
0.008
0.05
0.2
0.45
0.5
160
110
15
D
4 .
SD0805S020S0R3
805
20
0.3
2
0.008
0.05
0.3
0.47
0.5
160
110
30
C
2 .
SD0805S040S0R3
805
40
0.3
2
0.008
0.05
0.3
0.47
0.5
160
110
30
C
4 .
SD0805S020S0R5
805
20
0.5
5
0.015
0.1
0.5
0.4
0.44
120
28
28
B
2 .
SD0805S030S0R5
805
30
0.5
5
0.015
0.1
0.5
0.4
0.46
120
28
28
B
3 .
SD0805S040S0R5
805
40
0.5
5
0.015
0.1
0.5
0.4
0.48
120
28
28
B
4 .
SD0805S020S1R0
805
20
1
10
0.028
0.2
1
0.42
0.45
120
28
115
A
2 ·
SD0805S040S1R0
805
40
1
10
0.008
0.05
1
0.49
0.55
88
28
110
A
41 ·
SD0805S060S1R0
805
60
1
10
0.028
0.2
1
0.62
0.65
120
28
115
A
6 ·
SD0805S020L1R0
805
20
1
10
0.3
1
1
0.37
0.38
88
28
115
A
2L .
SD0805S040L1R0
805
40
1
10
0.3
1
1
0.37
0.38
88
28
115
A
4L .
SD0603S020S0R1
603
20
0.1
2
0.008
0.05
0.1
0.38
0.4
160
110
30
2Ḟ
SD0603S040S0R1
603
40
0.1
2
0.008
0.05
0.1
0.38
0.4
160
110
30
4Ḟ
SD0603S020S0R2
603
20
0.2
2
0.008
0.05
0.2
0.43
0.45
160
110
35
2Ḋ
SD0603S040S0R2
603
40
0.2
2
0.0005
0.001
0.2
0.43
0.45
160
110
35
4Ḋ
SD0603S020S0R3
603
20
0.3
2
0.008
0.05
0.3
0.47
0.5
160
110
35
SD0603S040S0R3
603
40
0.3
2
0.008
0.05
0.3
0.47
0.5
160
110
35


Similar Part No. - SD0805S040S0R1

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SD0805052 SY-SD0805052 Datasheet
130Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SD0805053 SY-SD0805053 Datasheet
130Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SD0805054 SY-SD0805054 Datasheet
130Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SD0805S040S0R1

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
1N5831 NAINA-1N5831_1 Datasheet
99Kb / 2P
   Schottky Barrier Rectifier Diode
SD41 NAINA-SD41_1 Datasheet
99Kb / 2P
   Schottky Barrier Rectifier Diode
logo
EIC discrete Semiconduc...
ERA83-006 EIC-ERA83-006_11 Datasheet
66Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODE
MBR1660CT EIC-MBR1660CT Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODE
ERB84-009 EIC-ERB84-009 Datasheet
41Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODE
logo
Naina Semiconductor ltd...
1N6391 NAINA-1N6391_1 Datasheet
99Kb / 2P
   Schottky Barrier Rectifier Diode
logo
EIC discrete Semiconduc...
ERC81-004 EIC-ERC81-004 Datasheet
35Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODE
logo
AVX Corporation
SD2114S040S8R0 AVX-SD2114S040S8R0 Datasheet
615Kb / 6P
   Schottky Barrier Rectifier Diode
logo
EIC discrete Semiconduc...
SD3030MR EIC-SD3030MR Datasheet
132Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODE
ERA83-004 EIC-ERA83-004_11 Datasheet
60Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com