Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V2F109A300Y1DDP Datasheet(PDF) 7 Page - AVX Corporation

Part # V2F109A300Y1DDP
Description  TransFeed
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

V2F109A300Y1DDP Datasheet(HTML) 7 Page - AVX Corporation

  V2F109A300Y1DDP Datasheet HTML 1Page - AVX Corporation V2F109A300Y1DDP Datasheet HTML 2Page - AVX Corporation V2F109A300Y1DDP Datasheet HTML 3Page - AVX Corporation V2F109A300Y1DDP Datasheet HTML 4Page - AVX Corporation V2F109A300Y1DDP Datasheet HTML 5Page - AVX Corporation V2F109A300Y1DDP Datasheet HTML 6Page - AVX Corporation V2F109A300Y1DDP Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
89
080216
TransFeed
AVX Multilayer Ceramic Transient Voltage Suppressors
TVS Protection and EMI Attenuation in a Single Chip
PERFORMANCE CHARACTERISTICS
APPLICATIONS
• EMI Suppression
• Broadband I/O Filtering
• Vcc Line Conditioning
FEATURES
• Small Size
• Low ESR
• Ultra-fast Response Time
• Broad S21 Characteristics
MARKET SEGMENTS
• Computers
• Automotive
• Power Supplies
• Multimedia Add-On Cards
• Bar Code Scanners
• Remote Terminals
• Medical Instrumentation
• Test Equipment
• Transceivers
• Cellular Phones / Pagers
A comparison table showing typical element parameters and resulting
performance features for MLV and MLVF is shown above.
MLVF
PARAMETER
MLV
0805
0805
5ph
Ls
typical
N/A
<600nh
Lp
typical
<1.5nh
<0.025Ω
Ron
typical
<0.1Ω
100pf to 2.5nf
C
typical
100pf to 5.5nf
see VI curves
Rv
typical
see VI curves
>0.25 x 1012Ω
Rp
typical
>1 x 1012Ω
<250ps
Typical turn on time
<500ps
Typical frequency response
TYPICAL CIRCUITS REQUIRING
TRANSIENT VOLTAGE
PROTECTION AND EMI FILTERING
The following applications and schematic diagrams
show where TransFeed TVS/ EMI filtering devices might
be used:
• System Board Level Interfaces: (Fig. 1)
Digital to RF
Analog to Digital
Digital to Analog
• Voltage Regulation (Fig. 2)
• Power Conversion Circuits (Fig. 3)
• GaAs FET Protection (Fig. 4)
REGULATOR
+
POWER
MANAGEMENT
CHIP
ASIC
INTERFACE
CARD
MAIN
POWER
+3.3V
+5V
+12V
+3.3V
+1.8V
INPUT
OUTPUT
Fig. 2 – Voltage Regulators
Fig. 3 – Power Conversion Circuits/Power Switching Circuits
Fig. 4 – GaAs FET Protection
DIGITAL
BOARD
DIGITAL
BOARD
RF BOARD
Sensor/Keyboard/
Touchscreen Input
By X Bus
ANALOG
BOARD
ANALOG
BOARD
Sensor Input
Display
DIGITAL
BOARD
Keyboard
Fig. 1 – System Interface
SPECIFICATION COMPARISON


Similar Part No. - V2F109A300Y1DDP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
V2F109A200Y2E AVX-V2F109A200Y2E Datasheet
385Kb / 8P
   TransFeed AVX Multilayer Cermic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
V2F109A200Y2E AVX-V2F109A200Y2E Datasheet
385Kb / 8P
   AVX Multilayer Ceramic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
More results

Similar Description - V2F109A300Y1DDP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
V2AF105A150Y2EDP AVX-V2AF105A150Y2EDP Datasheet
143Kb / 5P
   TransFeed Automotive Series
V2F105A150Y2ERP AVX-V2F105A150Y2ERP Datasheet
385Kb / 8P
   TransFeed AVX Multilayer Cermic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com