Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2A41C104M4B2A Datasheet(PDF) 2 Page - AVX Corporation

Part # L2A41C104M4B2A
Description  Capacitor Array (IPC)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

L2A41C104M4B2A Datasheet(HTML) 2 Page - AVX Corporation

  L2A41C104M4B2A Datasheet HTML 1Page - AVX Corporation L2A41C104M4B2A Datasheet HTML 2Page - AVX Corporation L2A41C104M4B2A Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
68
Automotive Capacitor Array (IPC)
0508 - 4 Element
0612 - 4 Element
As the market leader in the development and manufacture of capacitor
arrays AVX is pleased to offer a range of AEC-Q200 qualified arrays to
compliment our product offering to the Automotive industry. Both the
AVX 0612 and 0508 4-element capacitor array styles are qualified to the
AEC-Q200 automotive specifications.
AEC-Q200 is the Automotive Industry qualification standard and a
detailed qualification package is available on request.
All AVX automotive capacitor array production facilities are certified to
ISO/TS 16949:2002.
*Contact factory for availability by part number for K = ±10% and J = ±5% tolerance.
HOW TO ORDER
W
Style
W = RoHS
L = SnPb
3
Case
Size
2 = 0508
3 = 0612
A
Array
4
Number
of Caps
Y
Voltage
Z = 10V
Y = 16V
3 = 25V
5 = 50V
1 = 100V
C
Dielectric
A = NP0
C = X7R
F = X8R
104
Capacitance
Code (In pF)
Significant
Digits +
Number of
Zeros
e.g. 10μF=106
K
Capacitance
Tolerance
*J = ±5%
*K = ±10%
M = ±20%
4
Failure Rate
4 = Automotive
2A
Packaging
& Quantity
Code
2A = 7" Reel
(4000)
4A = 13" Reel
(10000)
2F = 7" Reel
(1000)
T
Terminations
*T = Plated Ni and Sn
*Z = FLEXITERM®
B = 5% min lead
X = FLEXITERM®
with 5% min lead
SIZE
W2 = 0508
W2 = 0508
W3 = 0612
No. of Elements
24
4
WVDC
16
25
50
100
16
25
50
100
10
16
25
50
100
101
Cap 100
121
(pF) 120
151
150
181
180
221
220
271
270
331
330
391
390
471
470
561
560
681
680
821
820
102
1000
122
1200
152
1500
182
1800
222
2200
272
2700
332
3300
392
3900
472
4700
562
5600
682
6800
822
8200
103
Cap 0.010
123
(μF) 0.012
153
0.015
183
0.018
223
0.022
273
0.027
333
0.033
393
0.039
473
0.047
563
0.056
683
0.068
823
0.082
104
0.10
124
0.12
154
0.15
224
0.22
SIZE
W2 = 0508
W3 = 0612
No. of Elements
44
WVDC
16
25
50
100
16
25
50
100
1R0
Cap 1.0
1R2
(pF) 1.2
1R5
1.5
1R8
1.8
2R2
2.2
2R7
2.7
3R3
3.3
3R9
3.9
4R7
4.7
5R6
5.6
6R8
6.8
8R2
8.2
100
10
120
12
150
15
180
18
220
22
270
27
330
33
390
39
470
47
560
56
680
68
820
82
101
100
121
120
151
150
181
180
221
220
271
270
331
330
391
390
471
470
561
560
681
680
821
820
102
1000
122
1200
152
1500
182
1800
222
2200
272
2700
332
3300
392
3900
472
4700
562
5600
682
6800
822
8200
X7R
NP0/C0G
= X7R
= NPO/COG
*RoHS compliant
Not RoHS Compliant
LEAD-FREE COMPATIBLE
COMPONENT
For RoHS compliant products,
please select correct termination style.


Similar Part No. - L2A41C104M4B2A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
L2A4 GOOD-ARK-L2A4 Datasheet
234Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
More results

Similar Description - L2A41C104M4B2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
W2A43C106MAT2A AVX-W2A43C106MAT2A Datasheet
287Kb / 7P
   Capacitor Array(IPC)
W2A4ZC104KAT2A AVX-W2A4ZC104KAT2A Datasheet
283Kb / 6P
   Capacitor Array (IPC)
logo
Kemet Corporation
C1632C10012GAC KEMET-C1632C10012GAC Datasheet
937Kb / 7P
   CERAMIC CAPACITOR ARRAY
logo
Murata Manufacturing Co...
NFA31CC220S1E4D MURATA-NFA31CC220S1E4D Datasheet
62Kb / 2P
   EMIFILr (Capacitor type) Array
NFA31CC222R1E4D MURATA-NFA31CC222R1E4D Datasheet
62Kb / 2P
   EMIFIL (Capacitor type) Array
logo
Panasonic Semiconductor
EZANCE101M PANASONIC-EZANCE101M Datasheet
246Kb / 6P
   Chip 3-Terminal Capacitor Array
logo
Vishay Siliconix
CRCA12E VISHAY-CRCA12E Datasheet
141Kb / 3P
   Thick Film Array, Resistor/Capacitor
Revision: 15-Jan-07
logo
Panasonic Semiconductor
EZA-NCE221M PANASONIC-EZA-NCE221M Datasheet
244Kb / 7P
   Chip 3-Terminal Capacitor Array
logo
FSP TECHNOLOGY INC.
FSP150-50LE FSP-FSP150-50LE Datasheet
150Kb / 1P
   IPC PSU
FSP200-61DL FSP-FSP200-61DL_15 Datasheet
81Kb / 1P
   IPC PSU
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com