Electronic Components Datasheet Search |
|
R75QD2820AA70J Datasheet(PDF) 5 Page - Kemet Corporation |
|
R75QD2820AA70J Datasheet(HTML) 5 Page - Kemet Corporation |
5 / 27 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com F3106_R75 • 8/23/2016 5 Film Capacitors – Polypropylene Pulse/High Frequency Capacitors R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade) Performance Characteristics −40 −20 0 0 10 20 30 40 50 60 70 80 90 100 20 Temperature (ºC) Maximum Humidity in Storage Conditions 40 60 80 30 Days Annual Average Dielectric Polypropylenefilm Plates Metal layer deposited by evaporation under vacuum Winding Non-inductive type Leads Tinned wire Protection Plasticcase,thermosettingresinfilled.BoxmaterialissolventresistantandflameretardantaccordingtoUL94. Related Documents IEC 60384-16 Sections 1 3 Rated Voltage V R (VDC) 160 160 250 250 400 400 630 630 1000 1000 1250 1600 2000 Rated Voltage V R (VAC) 70 90 140 160 200 220 220 250 250 400 600 650 700 Capacitance Range (µF) 0.1 – 0.33 0.068 – 33 0.068 – 0.22 0.027 – 33 0.027 – 0.068 0.01 – 15 0.01 – 0.027 0.001 – 8.2 0.012 – 3.9 0.00022 – 0.0082 0.0082 – 2.2 0.0039 – 1.5 0.001 – 1 Capacitance Values E12series(IEC60063)measured@1kHzand+20±1°C Capacitance Tolerance ±5%, ±10%, ±20% Operating Temperature Range −55°Cto+105°C Rated Temperature T R +85°C Voltage Derating Above+85°CDCandACvoltagederatingis1.25%/°C Climatic Category 55/105/56 IEC 60068-1 |
Similar Part No. - R75QD2820AA70J |
|
Similar Description - R75QD2820AA70J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |