Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPTB00004D Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # NPTB00004D
Description  Next generation high power RF semiconductor technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPTB00004D Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  NPTB00004D Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPTB00004D Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPTB00004D Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPTB00004D Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPTB00004D Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPTB00004D Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPTB00004D Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPTB00004D Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. NPTB00004D Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
GaN RF Power Products
Next generation high power RF semiconductor technology
1
Power Efficiency “>2GHz”
Power Density
Easy Matching
Supply Chain
Cost
Linearity
LDMOS
MACOM GaN on Silicon
Benefits
>10% Improvement
4-6 W/mm
easy
6
"and 8"
Silicon
DPD friendly
Lower Operating Costs, Simpler Cooling
Smaller Footprint and Lower Costs
Time-to-Market and Smaller Footprint
Capacity and Surge Capability
Competitive Bill of Materials
Competitive Bill of Materials
1-1.5 W/mm
difficult
Silicon
DPD friendly
8"
Support all ISM Brands
Can be used at >2.45 GHz
Broader Choice for Your Applications
Limited to 2.45 GHz
MACOM continues to develop industry-leading gallium nitride (GaN) RF power products. Our product portfolio
leverages MACOM’s more than 60-year heritage of providing best-in-class standard, application specific and
custom solutions for our radar, EW, ISM, and communications customers.
As a member of the RF Energy Alliance, MACOM brings GaN technology into mainstream
applications such as RF ignition systems, solid-state cooking, and high-lumen plasma lighting.
MACOM GaN products are offered as unmatched transistors, internally matched power transistors, and fully
matched power pallets and modules. Using high performance GaN HEMT processes and leveraging our
proprietary die layout and assembly techniques, these products exhibit robust thermal properties and excellent
RF performance with respect to power, gain, gain-flatness, efficiency, and ruggedness for applications up to 6 GHz.
MACOM’s industry-leading portfolio of cost-effective RF power products uses our unique GaN on Silicon technology
to deliver the cost, bandwidth, power density, and efficiency advantages of GaN in a variety of form factors—
including 2 W to 600 W P1db CW power transistors in ceramic and overmolded plastic DFN and TO-272 packages,
as well as HF through S-band modules and 50 Ω matched pallets. Our GaN on Silicon transistors and amplifiers
improve upon the high power and efficiency performance of LDMOS while at the at the same time providing
the high frequency performance of GaAs. Only MACOM delivers GaN performance at silicon cost structures
to drive adoption.
Why choose GaN?
GaN advantages include:
> High breakdown voltage
> Multi-octave bandwidth
> Superior power density
> High frequency operation
> High RF gain and efficiency
> Excellent thermal conductivity
> GaN performance at silicon cost structures
For over 45 years, MACOM engineers have been redefining RF power and are now applying their
GaN expertise to an array of commercial, industrial, scientific, medical and wireless applications.
Turn to MACOM for superior performance, high power GaN solutions.
GaN2016brochure_singles_052316_Layout1 5/24/16 8:29AM Page2


Similar Part No. - NPTB00004D

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPTB00004 MA-COM-NPTB00004 Datasheet
953Kb / 10P
   Gallium Nitride 28V, 5W RF Power Transistor
logo
List of Unclassifed Man...
NPTB00004 ETC2-NPTB00004 Datasheet
953Kb / 10P
   Low cost, surface mount SOIC package
logo
M/A-COM Technology Solu...
NPTB00004A MA-COM-NPTB00004A Datasheet
2Mb / 10P
   Gallium Nitride 28V, 5W, DC-6 GHz HEMT
NPTB00004A MA-COM-NPTB00004A_15 Datasheet
2Mb / 10P
   DC-6 GHz HEMT
NPTB00004 MA-COM-NPTB00004_15 Datasheet
953Kb / 10P
   5W RF Power Transistor
More results

Similar Description - NPTB00004D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XCC123456P03A ETC2-XCC123456P03A Datasheet
1Mb / 13P
   next generation power source
114-106077 ETC2-114-106077 Datasheet
280Kb / 2P
   Crimping Next Generation
logo
Infineon Technologies A...
PXF4222 INFINEON-PXF4222 Datasheet
155Kb / 2P
   Interworking Controller Next Generation
2003
TLE7368 INFINEON-TLE7368 Datasheet
965Kb / 39P
   Next Generation Micro Controller Supply
Rev. 1.1, November 2007
TLE7368 INFINEON-TLE7368_10 Datasheet
1Mb / 41P
   Next Generation Micro Controller Supply
Rev. 2.1, 2010-11-22
logo
WJ Communication. Inc.
WJM3000 WJCI-WJM3000 Datasheet
681Kb / 7P
   Next Generation RFID Reader Module
logo
TE Connectivity Ltd
C-1983780 TEC-C-1983780 Datasheet
169Kb / 1P
   NEXT GENERATION GI3.3 RECEPTACLE CONTACT
logo
Glenair, Inc.
180_118 GLENAIR-180_118 Datasheet
265Kb / 1P
   Next Generation MIL-PRF-64266
logo
Johanson Technology Inc...
202S43W472KV4E JOHANSON-202S43W472KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
501R18W223KV4E JOHANSON-501R18W223KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com