Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4617 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # 2SC4617
Description  NPN general purpose Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2SC4617 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  2SC4617 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2SC4617 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 2SC4617 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 2SC4617 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Production specification
NPN
general purpose Transistor
2SC4617
H006
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=50μA,IE=0
50
V
Collector-emitter breakdown
voltage
V(BR)CEO
IC=1.0mA,IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=50μA,IC=0
5
V
Collector cut-off current
ICBO
VCB=30V,IE=0
0.5
μA
Emitter cut-off current
IEBO
VEB=4V,IC=0
0.5
μA
DC current gain
hFE
VCE=6V,IC=1mA
120
560
Collector-emitter saturation voltage
VCE(sat)
IC=60mA, IB=5.0mA
0.4
V
Transition frequency
fT
VCE=12V,
IC=2.0mA,f=30MHz
180
MHz
Collector output capacitance
Cob
VCB=12V, IC=0,f=1MHz
2.0
Pf
CLASSIFICATION OF HFE
RANK
Q
R
S
RANGE
120-270
180-390
270-560
MARKING
BQ
BR
BS


Similar Part No. - 2SC4617

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2SC4617 MOTOROLA-2SC4617 Datasheet
128Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
logo
Unisonic Technologies
2SC4617 UTC-2SC4617 Datasheet
257Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
ON Semiconductor
2SC4617 ONSEMI-2SC4617 Datasheet
128Kb / 6P
   General Purpose Amplifier Transistors(NPN Silicon)
November, 2001 ??Rev. 3
logo
SeCoS Halbleitertechnol...
2SC4617 SECOS-2SC4617 Datasheet
345Kb / 2P
   NPN Silicon General Purpose Transistor
logo
Rohm
2SC4617 ROHM-2SC4617 Datasheet
77Kb / 3P
   2SC4097 / 2SC1741S
More results

Similar Description - 2SC4617

ManufacturerPart #DatasheetDescription
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com