Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

309UR250P2 Datasheet(PDF) 3 Page - International Rectifier

Part # 309UR250P2
Description  STANDARD RECOVERY DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

309UR250P2 Datasheet(HTML) 3 Page - International Rectifier

  309UR250P2 Datasheet HTML 1Page - International Rectifier 309UR250P2 Datasheet HTML 2Page - International Rectifier 309UR250P2 Datasheet HTML 3Page - International Rectifier 309UR250P2 Datasheet HTML 4Page - International Rectifier 309UR250P2 Datasheet HTML 5Page - International Rectifier 309UR250P2 Datasheet HTML 6Page - International Rectifier 309UR250P2 Datasheet HTML 7Page - International Rectifier 309UR250P2 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
301U(R) Series
∆R
thJC Conduction
(The following table shows the increment of thermal resistence R
thJC
when devices operate at different conduction angles than DC)
80 to 200
250
00 to 200
250
180°
0.015
0.015
0.011
0.011
120°
0.018
0.018
0.019
0.019
90°
0.023
0.023
0.025
0.025
K/W
T
J
= T
J
max.
60°
0.034
0.034
0.035
0.035
30°
0.056
0.056
0.057
0.057
Sinusoidal conduction
Rectangular conduction
Conduction angle
Units
Conditions
T
J
Max. junction operating temperature range
-40 to 180
T
stg
Max. storage temperature range
-40 to 200
R
thJC
Max. thermal resistance, junction to case
0.14
DC operation
R
thCS
Max. thermal resistance, case to heatsink
0.08
Mounting surface, smooth, flat and greased
T
Max. allowed mounting torque +0 -20%
37
Not lubricated threads
28
Lubricated threads
wt
Weight
301U
250 ± 5
303U
152 ± 5
305U
177 ± 5
g
307U
197 ± 5
309U
160 ± 5
Case style
DO-205AB (DO-9)
See Outline Table
Parameter
301U(R)
Units
Conditions
Thermal and Mechanical Specifications
°C
K/W
Nm
Ordering Information Table
30
1
U
A
250
P5
1
2
3
4
5
Device Code
1
-
30
= Essential Part Number
2
-
1
= Standard Device
3
= Top Threaded version
5
= Type for rotating application with Top Threaded
version 3/8 16UNC-2A
7
= Type for rotating application with flexible lead
9
= Type for rotating application with Top Threaded
version 3/8 24UNF
3
-
U
= Stud Normal Polarity (Cathode to Stud)
UR
= Stud Reverse Polarity (Anode to Stud)
4
-
A
= Max. Leakage selection I
RRM
= 2mA T
J
= 25°C
None = Std. Leakage selection I
RRM
= 10mA T
J
= 25°C
5
-
Voltage code: Code x 10=V
RRM
(See Voltage Ratings table)
6
-
P.
= Forward selection
None = Standard Forward selection
6
I
FM
V
FM
V
FM
RANGE
T
J
= 25°C
min.
max.
(A)
(V)
(V)
P2 *
1.16
1.25
P3 *
1.26
1.30
P4
1.31
1.40
P5
1.41
1.45
1000
* 2500V not available
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - 309UR250P2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
309URA160 IRF-309URA160 Datasheet
139Kb / 9P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
309URA160 VISHAY-309URA160 Datasheet
175Kb / 8P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 23-Jun-08
logo
International Rectifier
309URA200 IRF-309URA200 Datasheet
139Kb / 9P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
309URA200 VISHAY-309URA200 Datasheet
175Kb / 8P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 23-Jun-08
logo
International Rectifier
309URA250 IRF-309URA250 Datasheet
139Kb / 9P
   STANDARD RECOVERY DIODES
More results

Similar Description - 309UR250P2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com