Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3966ET-5.0 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3966ET-5.0
Description  3A Fast Ultra Low Dropout Linear Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3966ET-5.0 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP3966ET-5.0 Datasheet HTML 3Page - National Semiconductor (TI) LP3966ET-5.0 Datasheet HTML 4Page - National Semiconductor (TI) LP3966ET-5.0 Datasheet HTML 5Page - National Semiconductor (TI) LP3966ET-5.0 Datasheet HTML 6Page - National Semiconductor (TI) LP3966ET-5.0 Datasheet HTML 7Page - National Semiconductor (TI) LP3966ET-5.0 Datasheet HTML 8Page - National Semiconductor (TI) LP3966ET-5.0 Datasheet HTML 9Page - National Semiconductor (TI) LP3966ET-5.0 Datasheet HTML 10Page - National Semiconductor (TI) LP3966ET-5.0 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Electrical Characteristics
LP3963/LP3966 (Continued)
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature
range. Unless otherwise specified: V
IN =VO(NOM) + 1.5V, IL = 10 mA, COUT =10µF, VSD =VIN-0.3V.
Symbol
Parameter
Conditions
Typ(Note
4)
LP3963/6 (Note 5)
Units
Min
Max
SHUTDOWN INPUT
V
EF(Sat)
Error Flag Saturation
I
sink = 100µA
0.02
0.1
V
Td
Flag Reset Delay
1
µs
I
lk
Error Flag Pin Leakage
Current
1nA
I
max
Error Flag Pin Sink
Current
V
Error = 0.5V
1mA
AC PARAMETERS
PSRR
Ripple Rejection
V
IN =VOUT + 1.5V
C
OUT = 100uF
V
OUT = 3.3V
60
dB
V
IN =VOUT + 0.3V
C
OUT = 100uF
V
OUT = 3.3V
40
ρ
n(l/f
Output Noise Density
f = 120Hz
0.8
µV
e
n
Output Noise Voltage
(rms)
BW = 10Hz – 100kHz
150
µV
(rms)
BW = 300Hz – 300kHz
100
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for which the device is in-
tended to be functional, but does not guarantee specific performance limits. For guaranteed specifications and test conditions, see Electrical Charateristics. The guar-
anteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: At elevated temperatures, devices must be derated based on package thermal resistance. The devices in TO220 package must be derated at
θjA = 50˚C/W
(with 0.5in2, 1oz. copper area), junction-to-ambient (with no heat sink). The devices in the TO263 surface-mount package must be derated at
θjA = 60˚C/W (with
0.5in2, 1oz. copper area), junction-to-ambient.
Note 3: The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Note 4: Typical numbers are at 25˚C and represent the most likely parametric norm.
Note 5: Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
Note 6: If used in a dual-supply system where the regulator load is returned to a negative supply, the LP396X output must be diode-clamped to ground.
Note 7: The output PMOS structure contains a diode between the VIN and VOUT terminals. This diode is normally reverse biased. This diode will get forward biased
if the voltage at the output terminal is forced to be higher than the voltage at the input terminal. This diode can typically withstand 200mA of DC current and 1Amp
of peak current.
Note 8: Output voltage line regulation is defined as the change in output voltage from the nominal value due to change in the input line voltage. Output voltage load
regulation is defined as the change in output voltage from the nominal value due to change in load current. The line and load regulation specification contains only
the typical number. However, the limits for line and load regulation are included in the output voltage tolerance specification.
Note 9: Error Flag threshold and hysteresis are specified as percentage of regulated output voltage.
Note 10: Dropout voltage is defined as the minimum input to output differential voltage at which the output drops 2% below the nominal value. Dropout voltage speci-
fication applies only to output voltages of 2.5V and above. For output voltages below 2.5V, the drop-out voltage is nothing but the input to output differential, since
the minimum input voltage is 2.5V.
Note 11: This specification has been tested for −40˚C
≤ TJ ≤ 85˚C since the temperature rise of the device is negligible under shutdown conditions.
www.national.com
7


Similar Part No. - LP3966ET-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3966ET-5.0 NSC-LP3966ET-5.0 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3966ET-5.0 NSC-LP3966ET-5.0 Datasheet
769Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3966ET-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3963 NSC-LP3963_06 Datasheet
769Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3873 NSC-LP3873 Datasheet
365Kb / 16P
   3A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3966 TI-LP3966_15 Datasheet
2Mb / 25P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3873 NSC-LP3873_06 Datasheet
754Kb / 16P
   3A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3853 NSC-LP3853 Datasheet
417Kb / 18P
   3A Fast Response Ultra Low Dropout Linear Regulators
LP3883 NSC-LP3883 Datasheet
367Kb / 12P
   3A Fast-Response Ultra Low Dropout Linear Regulators
LP3893 NSC-LP3893 Datasheet
342Kb / 12P
   3A Fast-Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com