Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5162BRM2.5-RL7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5162BRM2.5-RL7
Description  Dual 256-Position SPI Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5162BRM2.5-RL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5162BRM2.5-RL7 Datasheet HTML 4Page - Analog Devices AD5162BRM2.5-RL7 Datasheet HTML 5Page - Analog Devices AD5162BRM2.5-RL7 Datasheet HTML 6Page - Analog Devices AD5162BRM2.5-RL7 Datasheet HTML 7Page - Analog Devices AD5162BRM2.5-RL7 Datasheet HTML 8Page - Analog Devices AD5162BRM2.5-RL7 Datasheet HTML 9Page - Analog Devices AD5162BRM2.5-RL7 Datasheet HTML 10Page - Analog Devices AD5162BRM2.5-RL7 Datasheet HTML 11Page - Analog Devices AD5162BRM2.5-RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD5162
Rev. A | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
128
96
32
64
0
160
192
224
256
CODE (DECIMAL)
VDD = 5.5V
TA = 25°C
RAB = 10kΩ
VDD = 2.7V
Figure 3. R-INL vs. Code vs. Supply Voltages
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
128
96
32
64
0
160
192
224
256
CODE (DECIMAL)
TA = 25°C
RAB = 10kΩ
VDD = 2.7V
VDD = 5.5V
Figure 4. R-DNL vs. Code vs. Supply Voltages
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
128
96
32
64
0
160
192
224
256
CODE (DECIMAL)
RAB = 10kΩ
VDD = 2.7V
TA = –40°C, +25°C, +85°C, +125°C
VDD = 5.5V
TA = –40°C, +25°C, +85°C, +125°C
Figure 5. INL vs. Code vs. Temperature
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
128
96
32
64
0
160
192
224
256
CODE (DECIMAL)
VDD = 2.7V; TA = –40°C, +25°C, +85°C, +125°C
RAB = 10kΩ
Figure 6. DNL vs. Code vs. Temperature
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
128
96
32
64
0
160
192
224
256
CODE (DECIMAL)
TA = 25°C
RAB = 10kΩ
VDD = 2.7V
VDD = 5.5V
Figure 7. INL vs. Code vs. Supply Voltages
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
128
96
32
64
0
160
192
224
256
CODE (DECIMAL)
TA = 25°C
RAB = 10kΩ
VDD = 2.7V
VDD = 5.5V
Figure 8. DNL vs. Code vs. Supply Voltages


Similar Part No. - AD5162BRM2.5-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5162BRM2.5-RL7 AD-AD5162BRM2.5-RL7 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
More results

Similar Description - AD5162BRM2.5-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ10-RL7 AD-AD5162BRMZ10-RL7 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5160BRJ100 AD-AD5160BRJ100 Datasheet
485Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
logo
ON Semiconductor
CAT5172 ONSEMI-CAT5172 Datasheet
179Kb / 10P
   256-Position SPI Compatible Digital Potentiometer
May, 2009 ??Rev. 0
logo
Analog Devices
AD5160 AD-AD5160 Datasheet
847Kb / 16P
   256-Position SPI Compatible Digital Potentiometer
REV. 0
AD5160BRJ50 AD-AD5160BRJ50 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com