Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3216IGV-2.7-T1 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AAT3216IGV-2.7-T1
Description  150mA MicroPower??LDO with PowerOK
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AAT3216IGV-2.7-T1 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AAT3216IGV-2.7-T1 Datasheet HTML 7Page - List of Unclassifed Manufacturers AAT3216IGV-2.7-T1 Datasheet HTML 8Page - List of Unclassifed Manufacturers AAT3216IGV-2.7-T1 Datasheet HTML 9Page - List of Unclassifed Manufacturers AAT3216IGV-2.7-T1 Datasheet HTML 10Page - List of Unclassifed Manufacturers AAT3216IGV-2.7-T1 Datasheet HTML 11Page - List of Unclassifed Manufacturers AAT3216IGV-2.7-T1 Datasheet HTML 12Page - List of Unclassifed Manufacturers AAT3216IGV-2.7-T1 Datasheet HTML 13Page - List of Unclassifed Manufacturers AAT3216IGV-2.7-T1 Datasheet HTML 14Page - List of Unclassifed Manufacturers AAT3216IGV-2.7-T1 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Applications Information
The limiting characteristic for the maximum output
load current safe operating area is essentially
package power dissipation and the internal preset
thermal limit of the device. In order to obtain high
operating currents, careful device layout and circuit
operating conditions need to be taken into account.
The following discussions will assume the LDO reg-
ulator is mounted on a printed circuit board utilizing
the minimum recommended footprint as stated in
the layout considerations section of the document.
At any given ambient temperature (TA) the maxi-
mum package power dissipation can be deter-
mined by the following equation:
PD(MAX) = [TJ(MAX) - TA] / ΘJA
Constants for the AAT3216 are TJ(MAX), the maxi-
mum junction temperature for the device which is
125°C and
ΘJA = 190°C/W, the package thermal
resistance. Typically, maximum conditions are cal-
culated at the maximum operating temperature
where TA = 85°C, under normal ambient conditions
TA = 25°C. Given TA = 85°, the maximum package
power dissipation is 211mW. At TA = 25°C°, the
maximum package power dissipation is 526mW.
The maximum continuous output current for the
AAT3216 is a function of the package power dissi-
pation and the input to output voltage drop across
the LDO regulator. Refer to the following simple
equation:
IOUT(MAX) < PD(MAX) / (VIN - VOUT)
For example, if VIN = 5V, VOUT = 3V and TA = 25°,
IOUT(MAX) < 264mA. If the output load current were to
exceed 264mA or if the ambient temperature were to
increase, the internal die temperature will increase.
If the condition remained constant, the LDO regula-
tor thermal protection circuit will activate.
To figure what the maximum input voltage would be
for a given load current refer to the following equa-
tion. This calculation accounts for the total power
dissipation of the LDO Regulator, including that
caused by ground current.
PD(MAX) = (VIN - VOUT)IOUT + (VIN x IGND)
This formula can be solved for VIN to determine the
maximum input voltage.
VIN(MAX) = (PD(MAX) + (VOUT x IOUT)) / (IOUT + IGND)
The following is an example for an AAT3216 set for
a 2.5 volt output:
From the discussion above, PD(MAX) was deter-
mined to equal 526mW at TA = 25°C.
VOUT = 2.5 volts
IOUT = 150mA
IGND = 150µA
VIN(MAX)=(526mW+(2.5Vx150mA))/(150mA +150µA)
VIN(MAX) = 6.00V
Thus, the AAT3216 can sustain a constant 2.5V
output at a 150mA load current as long as VIN is ≤
6.00V at an ambient temperature of 25°C. 6.0V is
the absolute maximum voltage where an AAT3216
would never be operated, thus at 25°C, the device
would not have any thermal concerns or opera-
tional VIN(MAX) limits.
This situation can be different at 85°C. The follow-
ing is an example for an AAT3216 set for a 2.5 volt
output at 85°C:
From the discussion above, PD(MAX) was deter-
mined to equal 211mW at TA = 85°C.
VOUT = 2.5 volts
IOUT = 150mA
IGND = 150uA
VIN(MAX)=(211mW+(2.5Vx150mA))/(150mA +150uA)
VIN(MAX) = 3.90V
Higher input to output voltage differentials can be
obtained with the AAT3216, while maintaining
device functions within the thermal safe operating
area.
To accomplish this, the device thermal
resistance must be reduced by increasing the heat
sink area or by operating the LDO regulator in a
duty cycled mode.
For example, an application requires VIN = 4.2V
while VOUT = 2.5V at a 150mA load and TA = 85°C.
VIN is greater than 3.90V, which is the maximum
safe continuous input level for VOUT = 2.5V at
150mA for TA = 85°C. To maintain this high input
voltage and output current level, the LDO regulator
AAT3216
150mA MicroPower™ LDO with PowerOK
3216.2004.01.0.94
11


Similar Part No. - AAT3216IGV-2.7-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3216IGV-2.7-T1 ANALOGICTECH-AAT3216IGV-2.7-T1 Datasheet
184Kb / 16P
   150mA MicroPower??LDO with PowerOK
More results

Similar Description - AAT3216IGV-2.7-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3216 ANALOGICTECH-AAT3216 Datasheet
184Kb / 16P
   150mA MicroPower??LDO with PowerOK
AAT3237 ANALOGICTECH-AAT3237 Datasheet
161Kb / 13P
   300mA MicroPower??LDO with PowerOK
logo
ams AG
AS13985 AMSCO-AS13985_1 Datasheet
463Kb / 12P
   Micropower 150mA Low-Noise LDO
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
   150mA MicroPower??High Performance LDO
logo
ams AG
AS13985 AMSCO-AS13985_04 Datasheet
866Kb / 13P
   Micropower 150mA Low-Noise LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Micrel Semiconductor
MIC5306 MICREL-MIC5306 Datasheet
252Kb / 8P
   150mA Micropower Cap Baseband LDO
logo
ams AG
AS13985 AMSCO-AS13985 Datasheet
337Kb / 2P
   Micropower 150mA Low-Noise LDO
logo
Micrel Semiconductor
MIC5306 MICREL-MIC5306_06 Datasheet
274Kb / 8P
   150mA Micropower 關Cap Baseband LDO
logo
Linear Technology
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com