Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB25S Datasheet(PDF) 1 Page - Shunye Enterprise

Part # MB25S
Description  SINGLE PHASE AMP SURFACE MOUNT BRIDGE RECTIFIER 2.0 SCHOTTKY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shunye Enterprise]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shunye Enterprise

MB25S Datasheet(HTML) 1 Page - Shunye Enterprise

  MB25S Datasheet HTML 1Page - Shunye Enterprise MB25S Datasheet HTML 2Page - Shunye Enterprise  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MB
MB22S THRU MB225S
A
50
A
-55 to +150
Case: MB-S, molded plastic
SINGLE PHASE
AMP SURFACE MOUNT
BRIDGE RECTIFIER
50A
2. Thermal REsistance From Junction to LEAD
1. Mounted on aluminum substrate PC board with 1.3mm
                 
Mechanical Data
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
2 solder pad.
Note:
0
·
·
·
·
·
Schottky Brrier Chip
Low Power Loss,High Efficiency
Ideally Suited for Automatic Assembly
Surge Overload Rating to
Peak
Plastic Case Material has UL Flammability
Classification
94V-
Rating
· Polarity: as marked on case
· Mounting position: Any
· Marking: type number
· Lead Free: For RoHS / Lead Free Version,
·
· Terminals: plated leads solderable per
MIL-STD-202, Method 208
2.0
-55 to +150
°C
28
pF
= 100°C
MB
MB
MB
MB
MB
MB
( Note2)
0.1
= 100°C
V
40
20
V
Typical Thermal Resistance per leg
Average Rectified Output Current ( Note1) @T
=2.0A
2.0
Typical Junction Capacitance per leg
Peak Repetitive Reverse Voltage
DC Blocking Voltage
C
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
I2t Rating for Fusing (t < 8.3ms)
2s
Forward Voltage per element
@IF
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA
mA
°C/W
RMS Reverse Voltage
60
80
100
14
28
42
56
70
40
20
60
80
100
0.55
0.7
0.84
10
150
105
150
200
140
200
0.92
0.05
5
0.90
TYPE NUMBER
UNITS
22S
24S
26S 28S 210S 215S 220S
Operating and Storage Temperature Range
Operating junction temperature range
SCHOTTKY
°C
10.375
Features
MB
45
31
45
245S
MB
50
35
50
25S
MB
250
175
250
225S
t
VRRM
VDC
IF(AV)
2
IRM
j
T
R(RMS)
SYMBOL
STG
T
J
IFSM
VFM
V
I
C
MB
30
21
30
23S
dimensions in inches and (millimeters)
MBS
0.067(1.7)
0.142(3.6)
0.161(4.1)
0.177(4.5)
0.195(4.95)
0.023(0.6)
0.043(1.1)
0.106(2.7)
0.090(2.3)
0.028(0.7)
0.020(0.5)
+
-
~
~
0.051(1.3)
MAX.
RθJL
16
www.shunyegroup.com.cn


Similar Part No. - MB25S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MB25 DIODES-MB25 Datasheet
71Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER
DS21303 Rev. 6 - 3
logo
Pan Jit International I...
MB25 PANJIT-MB25 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Changzhou Shunye Electr...
MB25 SY-MB25 Datasheet
229Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Insel Rectifier India P...
MB25 IRI-MB25 Datasheet
659Kb / 5P
   BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
MB25 ZSELEC-MB25 Datasheet
112Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - MB25S

ManufacturerPart #DatasheetDescription
logo
Shunye Enterprise
TBS210 SHUNYE-TBS210 Datasheet
1Mb / 2P
   SINGLE PHASE AMP SURFACE MOUNT BRIDGE RECTIFIER 2.0 SCHOTTKY
logo
SMC Diode Solutions Co....
KMB22S SMCDIODE-KMB22S Datasheet
350Kb / 5P
   SINGLE PHASE 2.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
Rev. B
logo
Shunye Enterprise
MB210S SHUNYE-MB210S_17 Datasheet
1Mb / 2P
   SINGLE PHASE AMP SURFACE MOUNT BRIDGE RECTIFIER 2.0 SCHOTTKY
MBS210 SHUNYE-MBS210_17 Datasheet
1Mb / 2P
   SINGLE PHASE AMP SURFACE MOUNT BRIDGE RECTIFIER 2.0 SCHOTTKY
logo
Goodwork Semiconductor ...
DB201S GWSEMI-DB201S Datasheet
66Kb / 2P
   SINGLE PHASE 2.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Nanjing International G...
DB201GS DGNJDZ-DB201GS Datasheet
152Kb / 2P
   SINGLE PHASE 2.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
DB201GS BYTESONIC-DB201GS Datasheet
218Kb / 2P
   SINGLE PHASE 2.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
KMB12S DYELEC-KMB12S Datasheet
1Mb / 2P
   SINGLE PHASE 1.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
KMB12M DYELEC-KMB12M Datasheet
1Mb / 2P
   SINGLE PHASE 1.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
logo
Sangdest Microelectroni...
KMB12F SMC-KMB12F Datasheet
132Kb / 4P
   SINGLE PHASE 1.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com