Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC0100KRX7R6BB121 Datasheet(PDF) 4 Page - YAGEO Corporation

Part # CC0100KRX7R6BB121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC0100KRX7R6BB121 Datasheet(HTML) 4 Page - YAGEO Corporation

  CC0100KRX7R6BB121 Datasheet HTML 1Page - YAGEO Corporation CC0100KRX7R6BB121 Datasheet HTML 2Page - YAGEO Corporation CC0100KRX7R6BB121 Datasheet HTML 3Page - YAGEO Corporation CC0100KRX7R6BB121 Datasheet HTML 4Page - YAGEO Corporation CC0100KRX7R6BB121 Datasheet HTML 5Page - YAGEO Corporation CC0100KRX7R6BB121 Datasheet HTML 6Page - YAGEO Corporation CC0100KRX7R6BB121 Datasheet HTML 7Page - YAGEO Corporation CC0100KRX7R6BB121 Datasheet HTML 8Page - YAGEO Corporation CC0100KRX7R6BB121 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.yageo.com
Jan. 18, 2017 V.9
Surface-Mount Ceramic Multilayer Capacitors
4
11
Product specification
01005
NP0/X5RX7R
6.3V to 16V
CAPACITANCE RANGE & THICKNESS
Table 2 01005 Sizes
CAP.
NP0
10V / 16 V
0.5 pF
0.2±0.02
0.6 pF
0.2±0.02
0.7 pF
0.2±0.02
0.75 pF
0.2±0.02
0.8 pF
0.2±0.02
0.9 pF
0.2±0.02
1.0 pF
0.2±0.02
1.2 pF
0.2±0.02
1.5 pF
0.2±0.02
1.8 pF
0.2±0.02
2.2 pF
0.2±0.02
2.7 pF
0.2±0.02
3.3 pF
0.2±0.02
3.9 pF
0.2±0.02
4.7 pF
0.2±0.02
5.6 pF
0.2±0.02
6.8 pF
0.2±0.02
8.2 pF
0.2±0.02
10 pF
0.2±0.02
12 pF
0.2±0.02
15 pF
0.2±0.02
18 pF
0.2±0.02
22 pF
0.2±0.02
27 pF
0.2±0.02
33 pF
0.2±0.02
39 pF
0.2±0.02
47 pF
0.2±0.02
56 pF
0.2±0.02
68 pF
0.2±0.02
82 pF
0.2±0.02
100 pF
0.2±0.02
Tape width
8 mm
CAP.
X7R
6.3V / 10V
16V
100 pF
0.2±0.02
0.2±0.02
150 pF
0.2±0.02
0.2±0.02
220 pF
0.2±0.02
0.2±0.02
330 pF
0.2±0.02
0.2±0.02
470 pF
0.2±0.02
0.2±0.02
680 pF
0.2±0.02
0.2±0.02
1 000 pF
0.2±0.02
0.2±0.02
2.2 nF
4.7 nF
10 nF
22nF
47 nF
100 nF
220 nF
Tape width
8 mm
CAP.
X5R
4V
6.3V
10V
100 pF
0.2±0.02
0.2±0.02
0.2±0.02
150 pF
0.2±0.02
0.2±0.02
0.2±0.02
220 pF
0.2±0.02
0.2±0.02
0.2±0.02
330 pF
0.2±0.02
0.2±0.02
0.2±0.02
470 pF
0.2±0.02
0.2±0.02
0.2±0.02
680 pF
0.2±0.02
0.2±0.02
0.2±0.02
1 000 pF
0.2±0.02
0.2±0.02
0.2±0.02
2.2 nF
0.2±0.02
0.2±0.02
0.2±0.02
4.7 nF
0.2±0.02
0.2±0.02
0.2±0.02
10 nF
0.2±0.02
0.2±0.02
0.2±0.02
22nF
0.2±0.02
0.2±0.02
47 nF
0.2±0.02
0.2±0.02
100 nF
0.2±0.02
0.2±0.02
220 nF
0.2±0.02
0.2±0.02
Tape width
8 mm


Similar Part No. - CC0100KRX7R6BB121

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CC01005 TDK-CC01005 Datasheet
1Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - CC0100KRX7R6BB121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com