Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10831 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10831
Description  10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10831 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC10831 Datasheet HTML 1Page - National Semiconductor (TI) ADC10831 Datasheet HTML 2Page - National Semiconductor (TI) ADC10831 Datasheet HTML 3Page - National Semiconductor (TI) ADC10831 Datasheet HTML 4Page - National Semiconductor (TI) ADC10831 Datasheet HTML 5Page - National Semiconductor (TI) ADC10831 Datasheet HTML 6Page - National Semiconductor (TI) ADC10831 Datasheet HTML 7Page - National Semiconductor (TI) ADC10831 Datasheet HTML 8Page - National Semiconductor (TI) ADC10831 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Electrical Characteristics (Continued)
The following specifications apply for Va e AVa e DVa ea50 VDC VREFa ea4096 VDC VREFb e VINb e GND
Vb eb50 VDC and fCLK e 25 MHz unless otherwise specified Boldface limits apply for TA e TJ e TMIN to TMAX
all other limits TA e TJ ea25 C (Notes 8 9 and 10) (Continued)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 11)
(Note 12)
(Limits)
DYNAMIC CONVERTER CHARACTERISTICS
S(NaD)
Signal-to-Noise Plus Distortion Ratio
VIN e 80 VPP
Sampling Rate e 74 kHz
67
dB
and fIN e 1 kHz to 15 kHz
ENOB
Effective Number of Bits
VIN e 80 VPP
Sampling Rate e 74 kHz
108
Bits
and fIN e 1 kHz to 15 kHz
THD
Total Harmonic Distortion
VIN e 80 VPP
Sampling Rate e 74 kHz
b
78
dB
and fIN e 1 kHz to 15 kHz
IMD
Intermodulation Distortion
VIN e 80 VPP
Sampling Rate e 74 kHz
b
85
dB
and fIN e 1 kHz to 15 kHz
Full-Power Bandwidth
VIN e 80 VPP where
S(N a D) Decreases 3 dB
380
kHz
Sampling Rate e 74 kHz
Multiplexer Channel to Channel Crosstalk
fIN e 15 kHz
b
80
dB
Sampling Rate e 74 kHz
REFERENCE INPUT AND MULTIPLEXER CHARACTERISTICS
Reference Input Resistance
7
kX
50
kX(min)
95
kX(max)
CREF
Reference Input Capacitance
70
pF
MUX Input Voltage
Vb b50 mV
(min)
AVa a50 mV
(max)
CIM
MUX Input Capacitance
47
pF
Off Channel Leakage Current (Note 15)
On Channel ea5V and
b
04
b
30
m
A(max)
Off Channel eb5V
On Channel eb5V and
04
30
m
A(max)
Off Channel ea5V
On Channel Leakage Current (Note 15)
On Channel ea5V and
04
30
m
A(max)
Off Channel ea5V
On Channel eb5V and
b
04
b
30
m
A(max)
Off Channel ea5V
4


Similar Part No. - ADC10831

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC108 MPSIND-ADC108 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
National Semiconductor ...
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC108S022 TI1-ADC108S022 Datasheet
1Mb / 25P
[Old version datasheet]   ADC108S022 8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC108S022 TI1-ADC108S022 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC108S022CIMT NSC-ADC108S022CIMT Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
More results

Similar Description - ADC10831

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10731 TI1-ADC10731_14 Datasheet
1Mb / 34P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC10731 TI1-ADC10731 Datasheet
1Mb / 33P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
National Semiconductor ...
ADC10731 NSC-ADC10731_06 Datasheet
1Mb / 29P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC10731 NSC-ADC10731 Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com