Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10834 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10834
Description  10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10834 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC10834 Datasheet HTML 1Page - National Semiconductor (TI) ADC10834 Datasheet HTML 2Page - National Semiconductor (TI) ADC10834 Datasheet HTML 3Page - National Semiconductor (TI) ADC10834 Datasheet HTML 4Page - National Semiconductor (TI) ADC10834 Datasheet HTML 5Page - National Semiconductor (TI) ADC10834 Datasheet HTML 6Page - National Semiconductor (TI) ADC10834 Datasheet HTML 7Page - National Semiconductor (TI) ADC10834 Datasheet HTML 8Page - National Semiconductor (TI) ADC10834 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Electrical Characteristics (Continued)
The following specifications apply for Va e AVa e DVa ea50 VDC VREFa ea4096 VDC VREFb e VINb e GND
Vb eb50 VDC and fCLK e 25 MHz unless otherwise specified Boldface limits apply for TA e TJ e TMIN to TMAX
all other limits TA e TJ ea25 C (Notes 8 9 and 10) (Continued)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 11)
(Note 12)
(Limits)
REFERENCE CHARACTERISTICS
VREFOut
Reference Output Voltage
25V g05%
25V g2%
V(max)
D
VREF DTVREFOut Temperature Coefficient
g
40
ppm C
D
VREF DIL
Load Regulation Sourcing
0 mA s IL s a4mA
g
0003
g
005
%mA(max)
D
VREF DIL
Load Regulation Sinking
0 mA s IL s b1mA
g
02
g
06
%mA(max)
Line Regulation
5V g10%
g
03
g
25
mV(max)
ISC
Short Circuit Current
VREFOut e 0V
13
22
mA(max)
Noise Voltage
10 Hz to 10 kHz CL e 100 mF5
m
V
D
VREF Dt
Long-term Stability
g
120
ppmkHr
tSU
Start-Up Time
CL e 100 mF
100
ms
DIGITAL AND DC CHARACTERISTICS
VIN(1)
Logical ‘‘1’’ Input Voltage
Va e 55V
20
V(min)
VIN(0)
Logical ‘‘0’’ Input Voltage
Va e 45V
08
V(max)
IIN(1)
Logical ‘‘1’’ Input Current
VIN e 50V
0005
a
25
m
A(max)
IIN(0)
Logical ‘‘0’’ Input Current
VIN e 0V
b
0005
b
25
m
A(min)
VOUT(1)
Logical ‘‘1’’ Output Voltage
Va e 45V IOUT eb360 mA
24
V(min)
Va e 45V IOUT eb10 mA
45
V(min)
VOUT(0)
Logical ‘‘0’’ Output Voltage
Va e 45V IOUT e 16 mA
04
V(min)
IOUT
TRI-STATE Output Current
VOUT e 0V
b
01
b
30
m
A(min)
VOUT e 5V
a
01
a
30
m
A(max)
a
ISC
Output Short-Circuit Source
VOUT e 0V Va e 45V
b
30
b
15
mA(max)
Current
b
ISC
Output Short-Circuit Sink Current
VOUTe Va e 45V
30
15
mA(min)
IDa
Digital Supply Current
CS e HIGH Power Up
09
13
mA(max)
(Note 17)
CS e HIGH Power Down
02
04
mA(max)
CS e HIGH Power Down
05
50
m
A(max)
and CLK Off
IAa
Positive Analog Supply Current
CS e HIGH Power Up
27
60
mA(max)
(Note 17)
CS e HIGH Power Down
30
15
m
A(max)
IAb
Negative Analog Supply Current
CS e HIGH Power Up
b
27
b
45
mA(min)
(Note 17)
CS e HIGH Power Down
b
30
b
15
m
A(min)
IREF
Reference Input Current
VREFa ea25V and
06
mA(max)
CS e HIGH Power Up
5


Similar Part No. - ADC10834

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC108 MPSIND-ADC108 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
National Semiconductor ...
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC108S022 TI1-ADC108S022 Datasheet
1Mb / 25P
[Old version datasheet]   ADC108S022 8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC108S022 TI1-ADC108S022 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC108S022CIMT NSC-ADC108S022CIMT Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
More results

Similar Description - ADC10834

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10731 TI1-ADC10731_14 Datasheet
1Mb / 34P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC10731 TI1-ADC10731 Datasheet
1Mb / 33P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
National Semiconductor ...
ADC10731 NSC-ADC10731_06 Datasheet
1Mb / 29P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC10731 NSC-ADC10731 Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com