Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGC553 Datasheet(PDF) 3 Page - Teledyne Technologies Incorporated

Part # AGC553
Description  Voltage-Controlled AGC Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AGC553 Datasheet(HTML) 3 Page - Teledyne Technologies Incorporated

  AGC553 Datasheet HTML 1Page - Teledyne Technologies Incorporated AGC553 Datasheet HTML 2Page - Teledyne Technologies Incorporated AGC553 Datasheet HTML 3Page - Teledyne Technologies Incorporated AGC553 Datasheet HTML 4Page - Teledyne Technologies Incorporated AGC553 Datasheet HTML 5Page - Teledyne Technologies Incorporated AGC553 Datasheet HTML 6Page - Teledyne Technologies Incorporated AGC553 Datasheet HTML 7Page - Teledyne Technologies Incorporated AGC553 Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Typical Performance at 25
°C
Frequency, MHz
Frequency, MHz
Output VSWR
1.8
Second-Order Intercept Point
Frequency, MHz
Second-Harmonic Intercept Point
Frequency, MHz
25
20
40
45
1.6
10
35
1.4
15
400
600
800
1000
5
30
25
1.2
1.0
200
10
2.6
1.0
2.2
1.8
1.4
400
600
800
1000
200
10
Input VSWR
Third-Order Intercept Point
Frequency, MHz
16
14
10
400
200
600
1000
12
10
800
8
400
600
800
1000
200
10
400
600
800
1000
200
10
Gain at 10 dB AGC Steps
Frequency, MHz
50
60
40
30
20
400
600
800
1000
200
10
10
0
AGC
0V
1.30V
1.95V
2.75V
3.96V
Gain
AGC Voltage, V
50
0
–10
234
5
1
0
Noise Figure
AGC Voltage, V
30
25
15
20
10
234
5
1
0
AGC Voltage, V
2.0
1.8
1.6
234
5
1.4
1.2
1
0
Input VSWR
AGC Voltage, V
Output VSWR
2.0
1.2
1.8
1.6
1.4
Power Output
AGC Voltage, V
+4
+2
0
–2
–4
Phase
Frequency, MHz
150
200
100
80
60
400
600
800
1000
200
0
40
AGC
5.00V
3.98V
2.75V
1.95V
1.30V
f = 250 MHz
5
0
1.0
1.0
234
5
1
0
f = 250 MHz
f = 100 MHz
f = 100 MHz
f = 250 MHz
–6
–8
234
5
1
0
0V
(continued)


Similar Part No. - AGC553

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AGC525 TELEDYNE-AGC525 Datasheet
173Kb / 2P
   10 TO 500 MHz TO-8 GAIN CONTROL AMPLIFIER
More results

Similar Description - AGC553

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AGC1053 TELEDYNE-AGC1053 Datasheet
138Kb / 8P
   Voltage-Controlled AGC Amplifier
AGC0330 TELEDYNE-AGC0330 Datasheet
101Kb / 4P
   Voltage-Controlled AGC Amplifier
AGC330 TELEDYNE-AGC330 Datasheet
101Kb / 4P
   Voltage-Controlled AGC Amplifier
AGC0553 TELEDYNE-AGC0553 Datasheet
136Kb / 8P
   Voltage-Controlled AGC Amplifier
logo
National Semiconductor ...
CLC520 NSC-CLC520 Datasheet
609Kb / 8P
   Amplifier with Voltage Controlled Gain, AGCAmp
logo
Texas Instruments
SN761666 TI1-SN761666_14 Datasheet
167Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
logo
Spectrum Microwave, Inc...
TMG9553 SPECTRUM-TMG9553 Datasheet
41Kb / 1P
   AGC AMPLIFIER
logo
SIRENZA MICRODEVICES
S510069-28Z SIRENZA-S510069-28Z Datasheet
654Kb / 8P
   AGC Amplifier
logo
Texas Instruments
SN761666 TI-SN761666 Datasheet
156Kb / 9P
[Old version datasheet]   AGC AMPLIFIER
SN761643 TI1-SN761643 Datasheet
842Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com