Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGC1053 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AGC1053
Description  Voltage-Controlled AGC Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AGC1053 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AGC1053 Datasheet HTML 1Page - Teledyne Technologies Incorporated AGC1053 Datasheet HTML 2Page - Teledyne Technologies Incorporated AGC1053 Datasheet HTML 3Page - Teledyne Technologies Incorporated AGC1053 Datasheet HTML 4Page - Teledyne Technologies Incorporated AGC1053 Datasheet HTML 5Page - Teledyne Technologies Incorporated AGC1053 Datasheet HTML 6Page - Teledyne Technologies Incorporated AGC1053 Datasheet HTML 7Page - Teledyne Technologies Incorporated AGC1053 Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Electrical Specifications
(Measured in 50
Ω system @ +15 VDC nominal unless otherwise noted)
Symbol
Unit
T
C = – 55 to +85°C
10-1000
17
±2.5
13.0
+3.0
2.0:1
2.0:1
MHz
dB
dB
dB
dB
dBm
dBm
dBm
dBm
µs
Volts
mA
Volts
mA
T
C = 0 to 50°C
Guaranteed Specifications
Typical
T
C
= 25
°C
10-1000
22
±1.0
35
11.0
+8.0
1.5:1
1.5:1
+20.0
+40.0
+50.0
25
+15
90
0 to +5
0 to 12
10-1000
18
±2.0
12.0
+5.0
2.0:1
2.0:1
Characteristic
BW
GP
NF
P1dB
IP3
IP2
HP2
VDC
ID
VAGC
IAGC
Frequency Range
Small Signal Gain (Min.)
Gain Flatness, VAGC = 0 to +3 Volts (Max.)
AGC Range, VAGC = +5 Volts
Noise Figure, VAGC = 0 (Max.)
Power Output @ +1 dB Compression
VAGC = 0 (Min.)
Input VSWR, VAGC = 0 to +5 Volts (Max.)
Output VSWR, VAGC = 0 to +5 Volts (Max.)
Two Tone 3rd Order Intercept Point
Two Tone 2nd Order Intercept Point
One Tone 2nd Harmonic Intercept Point
Response Time (10 to 90%)
Bias Voltage
Bias Current
AGC Voltage
AGC Current
Typical Performance Over Temperature
Key: +25
°C
+85
°C
-55
°C
(@ +15 VDC unless otherwise noted)
30
10
Gain
Frequency, MHz
25
400
800
1200
20
Frequency, MHz
Power Output
10
8
6
15
1600
12
2000
4
10
400
800
1200
1600
2000
Frequency, MHz
Noise Figure
14
13
12
15
11
30
400
800
1200
1600
2000
10
5
10
2
0
Frequency, MHz
1.8
1.6
1.4
800
1200
1600
2000
1.2
1.0
400
10
Input VSWR
2.0


Similar Part No. - AGC1053

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
AGC1000RE OHMITE-AGC1000RE Datasheet
43Kb / 1P
   Epoxy Molded Precision Wirewound Axial Terminals
logo
Teledyne Technologies I...
AGC1025 TELEDYNE-AGC1025 Datasheet
95Kb / 1P
   10 TO 1000 MHz TO-8 GAIN CONTROL AMPLIFIER
More results

Similar Description - AGC1053

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AGC0330 TELEDYNE-AGC0330 Datasheet
101Kb / 4P
   Voltage-Controlled AGC Amplifier
AGC330 TELEDYNE-AGC330 Datasheet
101Kb / 4P
   Voltage-Controlled AGC Amplifier
AGC0553 TELEDYNE-AGC0553 Datasheet
136Kb / 8P
   Voltage-Controlled AGC Amplifier
AGC553 TELEDYNE-AGC553 Datasheet
136Kb / 8P
   Voltage-Controlled AGC Amplifier
logo
National Semiconductor ...
CLC520 NSC-CLC520 Datasheet
609Kb / 8P
   Amplifier with Voltage Controlled Gain, AGCAmp
logo
Texas Instruments
SN761666 TI1-SN761666_14 Datasheet
167Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
logo
Spectrum Microwave, Inc...
TMG9553 SPECTRUM-TMG9553 Datasheet
41Kb / 1P
   AGC AMPLIFIER
logo
SIRENZA MICRODEVICES
S510069-28Z SIRENZA-S510069-28Z Datasheet
654Kb / 8P
   AGC Amplifier
logo
Texas Instruments
SN761666 TI-SN761666 Datasheet
156Kb / 9P
[Old version datasheet]   AGC AMPLIFIER
SN761643 TI1-SN761643 Datasheet
842Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com