Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC700RH Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADC700RH
Description  16-Bit Resolution With Microprocessor Interface A/D CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADC700RH Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ADC700RH Datasheet HTML 1Page - Burr-Brown (TI) ADC700RH Datasheet HTML 2Page - Burr-Brown (TI) ADC700RH Datasheet HTML 3Page - Burr-Brown (TI) ADC700RH Datasheet HTML 4Page - Burr-Brown (TI) ADC700RH Datasheet HTML 5Page - Burr-Brown (TI) ADC700RH Datasheet HTML 6Page - Burr-Brown (TI) ADC700RH Datasheet HTML 7Page - Burr-Brown (TI) ADC700RH Datasheet HTML 8Page - Burr-Brown (TI) ADC700RH Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
®
ADC700
PIN CONFIGURATION
DESCRIPTION
AND OPERATING FEATURES
The ADC700 is a 16-bit resolution successive approxima-
tion A/D converter. Parallel digital data as well as serial data
is available. Several features have been included in the
ADC700 making it easier to interface with microprocessors
and/or serial data systems. Several analog input ranges are
available.
Some of the key operating features are described here. More
detail is given in later sections of the data sheet. Refer to the
block diagram above.
RESET
The ADC700 has a Reset input that must be asserted upon
power-up or after a power interruption. This initializes the
SAR, the output buffer register and Data Ready flag. Since
microprocessor systems already use a power-on reset circuit,
the same system reset signal can be used to initialize the
ADC700.
PARALLEL DATA
The parallel data output is available through an 8-bit port
with 3-state output drivers. High byte and low byte are
selected by HBEN (pin 10).
A buffer/latch is included between the successive approxi-
mation register (SAR) and the 3-state drivers. This feature
permits more flexible interface timing than is possible from
most successive approximation converters.
The “old” word can be read during the next conversion. A
Data Ready flag (pin 12) is asserted when a “new” word is
in the buffer register. The Data Ready flag goes low (“0”)
when the most significant byte (high byte) is read. If the
“old” word is not read, or if only the least significant byte
(low byte) is read, Data Ready is not reset. The next
conversion output will overwrite the data latch when the
conversion is complete. The Data Ready flag remains high.
Refer to timing diagrams in the Specifications section.
SERIAL DATA
Sixteen-bit serial data output is available (pin 11) along with
a serial output strobe (pin 14). This serial data strobe is not
the internal SAR clock but is a special strobe for serial data
consisting of 16 negative-going edges (during conversion)
occurring about 200ns after each serial data bit is valid. This
feature eases the interface to shift registers or through opto-
couplers for applications requiring galvanic isolation.
STATUS
The familiar Status (or Busy) flag, present in successive
approximation A/D converters, is available (pin 13) and
indicates that a conversion is in progress. Status is valid
110ns after assertion of the convert command (WR low).
Status cannot be used as a sample-hold control because there
is not enough time for the sample-hold to settle to the
required error band before the ADC700 makes its first
conversion decision.
CHIP SELECT
CS (pin 9) selects the ADC700. No other functions can be
implemented unless CS is asserted. WR (pin 7) is the start-
of-conversion strobe. RD strobes each output data byte,
selected by HBEN (pin 10), to the 3-state drivers.
LSB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
16-Bit
D/A
Converter
Successive
Approximation
Register
20V Range
10V Range
Analog Common
Digital Common
V
BTCEN
DB15/DB7
DB14/DB6
DB13/DB5
DB12/DB4
DB11/DB3
DB10/DB2
DB9/DB1
DB8/DB0
DD
Comparator In
Bipolar Offset
Gain Adjust
Reset
WR
RD
CS
HBEN
Serial Data
Data Ready
Status
Serial Data Strobe
CC
+V
CC
–V
All internal control lines not shown. Refer to Figures 4 and 5 for Offset and Gain Adjust connections.
Data
Latch
3-State
Drivers
MSB LSB
Voltage
Reference
Clock and Clock Logic
5k
5k
MSB
Control Logic


Similar Part No. - ADC700RH

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADC701 BURR-BROWN-ADC701 Datasheet
110Kb / 15P
   16-Bit 512kHz SAMPLING A/D CONVERTER SYSTEM
More results

Similar Description - ADC700RH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADADC71 AD-ADADC71_15 Datasheet
286Kb / 12P
   Complete, High Resolution 16-Bit A/D Converter
REV. C
logo
List of Unclassifed Man...
ADC-800 ETC2-ADC-800 Datasheet
403Kb / 8P
   15-BIT PLUS SIGN A/D CONVERTER WITH MICROPROCESSOR INTERFACE
logo
Intersil Corporation
ICL7121 INTERSIL-ICL7121 Datasheet
607Kb / 10P
   16-Bit Multiplying Microprocessor-Compatible D/A Converter
ICL8052 INTERSIL-ICL8052 Datasheet
198Kb / 21P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
ICL7104 INTERSIL-ICL7104 Datasheet
946Kb / 19P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
HI-574A INTERSIL-HI-574A Datasheet
200Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 1997
logo
Renesas Technology Corp
HI-574A RENESAS-HI-574A Datasheet
631Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
Aug 7, 2008
logo
Intersil Corporation
HI-574A INTERSIL-HI-574A_01 Datasheet
453Kb / 17P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
HI3-574AJN-5 INTERSIL-HI3-574AJN-5 Datasheet
567Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 7, 2008
logo
Analog Devices
ADDAC71 AD-ADDAC71_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com