Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3216IJS-2.85-T1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AAT3216IJS-2.85-T1
Description  150mA MicroPower??LDO with PowerOK
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AAT3216IJS-2.85-T1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AAT3216IJS-2.85-T1 Datasheet HTML 1Page - List of Unclassifed Manufacturers AAT3216IJS-2.85-T1 Datasheet HTML 2Page - List of Unclassifed Manufacturers AAT3216IJS-2.85-T1 Datasheet HTML 3Page - List of Unclassifed Manufacturers AAT3216IJS-2.85-T1 Datasheet HTML 4Page - List of Unclassifed Manufacturers AAT3216IJS-2.85-T1 Datasheet HTML 5Page - List of Unclassifed Manufacturers AAT3216IJS-2.85-T1 Datasheet HTML 6Page - List of Unclassifed Manufacturers AAT3216IJS-2.85-T1 Datasheet HTML 7Page - List of Unclassifed Manufacturers AAT3216IJS-2.85-T1 Datasheet HTML 8Page - List of Unclassifed Manufacturers AAT3216IJS-2.85-T1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SmartSwitch
AAT3216
150mA MicroPower™ LDO with PowerOK
3216.2004.01.0.94
1
General Description
The AAT3216 MicroPower™ Low Dropout Linear
Regulator is ideally suited for portable applications
where low noise, extended battery life and small
size are critical. The AAT3216 has been specifi-
cally designed for low output noise performance,
fast transient response and high power supply
rejection ratio (PSRR), making it ideal for powering
sensitive RF circuits.
Other features include low quiescent current, typi-
cally 70µA, and low dropout voltage which is typi-
cally less than 200mV at full output current. The
device is output short circuit protected and has a
thermal shutdown circuit for additional protection
under extreme conditions.
The AAT3216 also features a low-power shutdown
mode for extended battery life. A Power-OK open-
drain output signals when VOUT is in regulation.
The AAT3216 is available in a space saving 5-pin
SOT23 or 8-pin SC70-JW package in 12 factory
programmed voltages of 1.2V, 1.5V, 1.8V, 2.0V,
2.3V, 2.5V, 2.7V, 2.8V, 2.85, 3.0V, 3.3V, or 3.5V.
Features
Low Dropout - 200mV at 150mA
Guaranteed 150mA Output
High accuracy ±1.5%
70µA Quiescent Current
High Power Supply Ripple Rejection
Low self noise
PowerOK (POK) Output
Fast line and load transient response
Short circuit protection
Over-Temperature protection
Uses Low ESR ceramic capacitors
Shutdown mode for longer battery life
Low temperature coefficient
12 Factory programmed output voltages
SOT23 5-pin or SC70-JW 8-pin package
Applications
Cellular Phones
Notebook Computers
Desktop Computers
Portable Communication Devices
Personal Portable Electronics
Digital Cameras
Typical Application
AAT3216
EN
IN
OUT
POK
GND
ON/OFF
1
µF
2.2
µF
VIN
GND
GND
VOUT
POK
100k
PowerLinear


Similar Part No. - AAT3216IJS-2.85-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3216IJS-2.85-T1 ANALOGICTECH-AAT3216IJS-2.85-T1 Datasheet
184Kb / 16P
   150mA MicroPower??LDO with PowerOK
More results

Similar Description - AAT3216IJS-2.85-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3216 ANALOGICTECH-AAT3216 Datasheet
184Kb / 16P
   150mA MicroPower??LDO with PowerOK
AAT3237 ANALOGICTECH-AAT3237 Datasheet
161Kb / 13P
   300mA MicroPower??LDO with PowerOK
logo
ams AG
AS13985 AMSCO-AS13985_1 Datasheet
463Kb / 12P
   Micropower 150mA Low-Noise LDO
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
   150mA MicroPower??High Performance LDO
logo
ams AG
AS13985 AMSCO-AS13985_04 Datasheet
866Kb / 13P
   Micropower 150mA Low-Noise LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Micrel Semiconductor
MIC5306 MICREL-MIC5306 Datasheet
252Kb / 8P
   150mA Micropower Cap Baseband LDO
logo
ams AG
AS13985 AMSCO-AS13985 Datasheet
337Kb / 2P
   Micropower 150mA Low-Noise LDO
logo
Micrel Semiconductor
MIC5306 MICREL-MIC5306_06 Datasheet
274Kb / 8P
   150mA Micropower 關Cap Baseband LDO
logo
Linear Technology
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com