Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3218IJS-2.3-T1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AAT3218IJS-2.3-T1
Description  150mA MicroPower??High Performance LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AAT3218IJS-2.3-T1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AAT3218IJS-2.3-T1 Datasheet HTML 1Page - List of Unclassifed Manufacturers AAT3218IJS-2.3-T1 Datasheet HTML 2Page - List of Unclassifed Manufacturers AAT3218IJS-2.3-T1 Datasheet HTML 3Page - List of Unclassifed Manufacturers AAT3218IJS-2.3-T1 Datasheet HTML 4Page - List of Unclassifed Manufacturers AAT3218IJS-2.3-T1 Datasheet HTML 5Page - List of Unclassifed Manufacturers AAT3218IJS-2.3-T1 Datasheet HTML 6Page - List of Unclassifed Manufacturers AAT3218IJS-2.3-T1 Datasheet HTML 7Page - List of Unclassifed Manufacturers AAT3218IJS-2.3-T1 Datasheet HTML 8Page - List of Unclassifed Manufacturers AAT3218IJS-2.3-T1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AAT3218
150mA MicroPower™ High Performance LDO
3218.2004.02.1.0
1
General Description
The AAT3218 MicroPower™ Low Dropout Linear
Regulator is ideally suited for portable applications
where very fast transient response, extended battery
life and small size are critical. The AAT3218 has
been specifically designed for high speed turn on and
turn off performance, fast transient response, good
power supply ripple rejection (PSRR) and is reason-
ably low noise, making it ideal for powering sensitive
circuits with fast switching requirements.
Other features include low quiescent current, typical-
ly 70µA, and low dropout voltage which is typically
less than 200mV at the maximum output current level
of 150mA. The device is output short circuit protect-
ed and has a thermal shutdown circuit for additional
protection under extreme operating conditions.
The AAT3218 also features a low-power shutdown
mode for extended battery life. A reference bypass
pin has been provided to improve PSRR perform-
ance and output noise, by connecting a small
external capacitor from the AAT3218's reference
output to ground.
The AAT3218 is available in a space saving 5-pin
SOT23 or 8-pin SC70JW package in 16 factory
programmed voltages of 1.2V, 1.4V, 1.5V, 1.8V,
1.9V, 2.0V, 2.3V, 2.5V, 2.6V, 2.7V, 2.8V, 2.85V,
2.9V, 3.0V, 3.3V or 3.5V.
Features
Low Dropout - 200mV at 150mA
Guaranteed 150mA Output
High accuracy ±1.5%
70µA Quiescent Current
Fast line and load transient response
High speed device turn-on and shutdown
High Power Supply Ripple Rejection
Low self noise
Short circuit protection
Over-Temperature protection
Uses Low ESR ceramic capacitors
Output noise reduction bypass capacitor
Shutdown mode for longer battery life
Low temperature coefficient
16 Factory programmed output voltages
SOT23 5-pin or SC70JW 8-pin package
Applications
Cellular Phones
Notebook Computers
Portable Communication Devices
Personal Portable Electronics
Digital Cameras
Typical Application
AAT3218
EN
IN
OUT
BYP
GND
ON/OFF
1
µF
10nF
2.2
µF
VIN
GND
GND
VOUT
PowerLinear


Similar Part No. - AAT3218IJS-2.3-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3218IJS-2.3-T1 ANALOGICTECH-AAT3218IJS-2.3-T1 Datasheet
372Kb / 18P
   150mA MicroPower??High Performance LDO
More results

Similar Description - AAT3218IJS-2.3-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
   150mA MicroPower??High Performance LDO
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
   High-Performance Dual 150mA LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
   High-Performance Single 150mA LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
   150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
MIC5365_0909 MICREL-MIC5365_0909 Datasheet
336Kb / 15P
   High Performance Single 150mA LDO
logo
ams AG
AS13985 AMSCO-AS13985_1 Datasheet
463Kb / 12P
   Micropower 150mA Low-Noise LDO
AS13985 AMSCO-AS13985_04 Datasheet
866Kb / 13P
   Micropower 150mA Low-Noise LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com