Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0603C470K5GACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603C470K5GACTU
Description  Ceramic, Commercial-(CxxxxC), 47 pF, 10%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C470K5GACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0603C470K5GACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 2ab4aeb5-1abe-403c-86be-c17836c480e1
KEMET Part Number: C0603C470K5GACTU
(C0603C470K5GAC7867)
Ceramic, Commercial-(CxxxxC), 47 pF, 10%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
Dimensions
L
1.6mm +/-0.15mm
W
0.8mm +/-0.15mm
T
0.8mm +/-0.07mm
S
0.7mm MIN
B
0.35mm +/-0.15mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 0603
Description: SMD, MLCC, Ultra-Stable, Low
Loss, Class I
Features: Ultra-Stable, Low Loss, Class I
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous: Note: KEMET 50V rated parts
may be operated at 63 Volts
Specifications
Capacitance: 47 pF
Capacitance Tolerance: 10%
Voltage DC: 50 VDC
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.1%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 100 GOhms
Dielectric Strength: 125 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0603C470K5GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C470K5GACAUTO KEMET-C0603C470K5GACAUTO Datasheet
60Kb / 1P
   SMD Auto C0G, Ceramic, 47 pF, 10%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603
More results

Similar Description - C0603C470K5GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C470J5GACTU KEMET-C0603C470J5GACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 47 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C470F5GACTU KEMET-C0603C470F5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 47 pF, 1%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C100K5GACTU KEMET-C0603C100K5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 10 pF, 10%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C470K5GACTU KEMET-C0402C470K5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 47 pF, 10%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C100F5GACTU KEMET-C0603C100F5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 10 pF, 1%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C101K5GACTU KEMET-C0603C101K5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 100 pF, 10%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C220K5GACTU KEMET-C0603C220K5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 22 pF, 10%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C330K5GACTU KEMET-C0603C330K5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 33 pF, 10%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C470J2GACTU KEMET-C0603C470J2GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 47 pF, 5%, 200 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C470J3GACTU KEMET-C0603C470J3GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 47 pF, 5%, 25 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com