Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2987AIM-3.2 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2987AIM-3.2
Description  Micropower, 200 mA Ultra Low-Dropout Voltage Regulator with Programmable Power-On Reset Delay; Low Noise Version Available (LP2988)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2987AIM-3.2 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP2987AIM-3.2 Datasheet HTML 7Page - National Semiconductor (TI) LP2987AIM-3.2 Datasheet HTML 8Page - National Semiconductor (TI) LP2987AIM-3.2 Datasheet HTML 9Page - National Semiconductor (TI) LP2987AIM-3.2 Datasheet HTML 10Page - National Semiconductor (TI) LP2987AIM-3.2 Datasheet HTML 11Page - National Semiconductor (TI) LP2987AIM-3.2 Datasheet HTML 12Page - National Semiconductor (TI) LP2987AIM-3.2 Datasheet HTML 13Page - National Semiconductor (TI) LP2987AIM-3.2 Datasheet HTML 14Page - National Semiconductor (TI) LP2987AIM-3.2 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Typical Performance Characteristics Unless otherwise specified: T
A = 25˚C, COUT = 4.7 µF,
C
IN = 2.2 µF, S/D is tied to VIN,VIN =VO(NOM) + 1V, IL = 1 mA.
V
OUT vs Temperature
Dropout Voltage vs Temperature
10001717
10001718
Dropout Voltage vs Load Current
Dropout Characteristics
10001719
10001720
Ground Pin Current vs
Temperature and Load
Ground Pin Current vs
Load Current
10001721
10001722
www.national.com
11


Similar Part No. - LP2987AIM-3.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2987AIMM-5.0/NOPB TI1-LP2987AIMM-5.0/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP2987AIMX-5.0/NOPB TI1-LP2987AIMX-5.0/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
More results

Similar Description - LP2987AIM-3.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2987 TI-LP2987_15 Datasheet
1Mb / 30P
[Old version datasheet]   LP2987/LP2988 Micropower, 200 mA Ultra Low-Dropout Voltage Regulator with Programmable Power-On Reset Delay; Low Noise Version Available (LP2988)
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
logo
NXP Semiconductors
LD6806 PHILIPS-LD6806 Datasheet
2Mb / 36P
   Ultra low-dropout regulator, low noise, 200 mA
Rev. 3-9 December 2011
logo
Texas Instruments
LP2989AIM-33 TI1-LP2989AIM-33 Datasheet
1Mb / 19P
[Old version datasheet]   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP2989 TI1-LP2989 Datasheet
1Mb / 34P
[Old version datasheet]   Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
logo
National Semiconductor ...
LP2978 NSC-LP2978 Datasheet
102Kb / 7P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator
logo
Texas Instruments
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
[Old version datasheet]   LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com