Electronic Components Datasheet Search |
|
C318C473JDR5TA7301 Datasheet(PDF) 1 Page - Kemet Corporation |
|
C318C473JDR5TA7301 Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 19 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1055_HV_GOLDMAX_300_X7R • 11/29/2016 1 One world. One KEMET Overview KEMET’s 300 Series High Voltage Goldmax conformally coated radial leaded ceramic capacitors in X7R dielectric feature a 125°C maximum operating temperature. The Electronics Industries Alliance (EIA) characterizes X7R dielectric as a Class II "temperature stable" material. Com- ponents of this classification are fixed, ceramic dielectric capacitors suited for bypass and decoupling applications or for frequency discriminating circuits where Q and stabil- ity of capacitance characteristics are not critical. X7R exhibits a predictable change in capacitance with respect to time and voltage and boasts a minimal change in capaci- tance with reference to ambient temperature. Capacitance change is limited to ±15% from −55°C to +125°C. These devices offer low leakage current, exhibit low ESR at high frequencies and find conventional use as snubbers or filters in applications such as switching power supplies and in lighting ballasts. Their exceptional performance at high frequencies has made them a preferred choice of design engineers worldwide. In addition to their use in power sup- plies, these capacitors are widely used in industries related to telecommunications, medical, military, aerospace, semicon- ductor and test/diagnostic equipment Radial Leaded Multilayer Ceramic Capacitors High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade) Ordering Information C 320 C 473 K C R 5 T A 7301 Ceramic Style/Size Specification/ Series Capacitance Code (pF) Capacitance Tolerance1 Rated Voltage (VDC) Dielectric Design Lead Finish2 Failure Rate Packaging (C-Spec) 315 316 317 318 320 321 322 323 324 325 326 327 328 330 331 333 335 336 340 346 350 356 C = Standard First two digits represent significant figures. Third digit specifies number of zeros. J = ±5% K = ±10% M = ±20% C = 500 B = 630 D = 1,000 F = 1,500 G = 2,000 Z = 2,500 H = 3,000 R = X7R 5 = Multilayer T = 100% Matte Sn H = SnPb (60/40) A = N/A See "Packaging C-Spec Ordering Options Table" below 1 Additional capacitance tolerance offerings may be available. Contact KEMET for details. 2 Lead materials: Standard: 100% matte tin (Sn) with nickel (Ni) underplate and steel core ( “T” designation). Alternative1:60%tin(Sn)/40%lead(Pb)finishwithcopper-cladsteelcore(“H”designation). Alternative2:60%tin(Sn)/40%lead(Pb)finishwith100%coppercore(availablewith“H”designationcodewithC-Spec).ContactKEMETfor C-Specdetails. Click image above for interactive 3D content Open PDF in Adobe Reader for full functionality |
Similar Part No. - C318C473JDR5TA7301 |
|
Similar Description - C318C473JDR5TA7301 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |