Electronic Components Datasheet Search |
|
R75PN2820AA70K Datasheet(PDF) 6 Page - Kemet Corporation |
|
R75PN2820AA70K Datasheet(HTML) 6 Page - Kemet Corporation |
6 / 27 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com F3106_R75 • 8/23/2016 6 Film Capacitors – Polypropylene Pulse/High Frequency Capacitors R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade) Performance Characteristics cont'd * typical value Qualification Automotive Grade products meet or exceed the requirements outlined by the Automotive Electronics Council. Details regardingtestmethodsandconditionsarereferencedindocumentAEC–Q200,StressTestQualificationforPassive Components. For additional information regarding the Automotive Electronics Council and AEC–Q200, please visit their website at www.aecouncil.com. Storage Conditions Storagetime:≤24monthsfromthedatemarkedonthelabelpackage Averagerelativehumidityperyear≤70% RH≤85%for30daysrandomlydistributedthroughouttheyear Dew is absent Temperature:−40to80°C(see"MaximumHumidityinStorageConditions"graphbelow) Test Voltage 1.6 x V RVDCfor2seconds(betweenterminations)at+25°C±5°C Capacitance Drift Maximum0.5%aftera2yearstorageperiodatatemperatureof+10°Cto+40°Candarelativehumidityof40%to 60% Maximum Pulse Steepness dV/dt according to Table 1. For peak to peak voltages lower than rated voltage (Vpp <V R),thespecifieddv/dt can be multiplied by the factor V R/Vpp TemperatureCoefficient −(200±100)ppm/°Cat1kHz Self Inductance (Lead Length ~ 2 mm) Lead Spacing (mm) 7.5 10 15 22.5 27.5 37.5 L(nH)≈ 8 9 10 18 18 20 Maximum 1 nH per 1 mm lead and capacitor length. DissipationFactortanδ MaximumValuesat25°C±5°C Frequency C≤0.1µF 0.1µF<C≤1.0µF 1.0µF<C≤4.7µF C > 4.7 µF 1 kHz 0.04% 0.05% 0.06% 0.10% 10 kHz 0.06% 0.08% - - 100 kHz 0.25% - - - Insulation Resistance Measuredat+25°C±5°C,100VDC60seconds Minimum Values Between Terminals C≤0.33μF C>0.33μF ≥100,000MΩ (≥500,000MΩ)* ≥30,000MΩ•µF (≥150,000MΩ•µF)* |
Similar Part No. - R75PN2820AA70K |
|
Similar Description - R75PN2820AA70K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |