Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN804 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # AN804
Description  P-Channel MOSFETs, the Best Choice for High-Side Switching
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AN804 Datasheet(HTML) 3 Page - Vishay Siliconix

  AN804 Datasheet HTML 1Page - Vishay Siliconix AN804 Datasheet HTML 2Page - Vishay Siliconix AN804 Datasheet HTML 3Page - Vishay Siliconix AN804 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AN804
Vishay Siliconix
Document Number: 70611
10-Mar-97
www.vishay.com
S FaxBack 408-970-5600
3
Half-Bridge (Totem Pole)
A high-side p-channel MOSFET and a low-side n-channel
MOSFET tied with common drains (Figure 5) make a superb
high-current “CMOS equivalent” switch. One fault common to
such circuits has been the excessive crossover current during
switching that may occur if the gate drive allows both
MOSFETs to be on simultaneously.
N-Channel
P-Channel
–15 V
+15 V
–15 V
+15 V
VOUT
+VDD
–VDD
IDD
FIGURE 5. Low-Voltage Complementary
MOSPOWER Array
Properly driving the MOSFET gates can minimize unwanted
crossover current at high supply voltages (both +VDD and –VDD)
(Figure 6).
A resistively-coupled lower-power complementary pair
offers extremely low crossover current when the output stage
uses high-power MOSFETs. The Zener, Z1, and resistors, R1
and R3, act as a level shifter, properly driving the low-power
MOSFETs. The Zener may be selected according to the
equation
VZENER = 2 VDD – Vth
where +VDD = –VDD
Whatever crossover current that might occur in the low-power
drivers is dramatically reduced by the series resistor, R4.
Additionally, driving the high-power complementary pair using
this resistor divider scheme all but eliminates crossover
current in this critical output driver. This increases both the
driver’s efficiency and its reliability.
TABLE 1. N AND PCHANNEL DUAL
MOSFETS IN SO8 PACKAGE
FOR OUTPUT STAGE
Part
Number
V(BR)DSS (V)
rDS Max (W)
ID (A)
Si9939DY
30/–30
0.05/0.1
3.5/–3.5
Si9942DY
20/–20
0.125/0.2
3/–2.5
Si9928DY
20/–20
0.05/0.11
5/–3.4
N-Channel
P-Channel
N-Channel
R4
Z1
R3
R1
R2
TTL
+VDD
–VDD
FIGURE 6. High-Voltage Complementary Pair Driven by Logic-Compatible MOSFET


Similar Part No. - AN804

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8041S PANASONIC-AN8041S Datasheet
153Kb / 15P
   Liquid crystal backlight control IC
AN8045 PANASONIC-AN8045 Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN8045M PANASONIC-AN8045M Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN8049 PANASONIC-AN8049 Datasheet
170Kb / 23P
   1.8-volt 3-channel step-up, step-down, and polarity inverting DC-DC converter control IC
AN8049 PANASONIC-AN8049 Datasheet
194Kb / 28P
   1.8-volt 3-channel step-up, step-down, and polarity inverting DC-DC converter control IC
More results

Similar Description - AN804

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP9926EO ETC1-AP9926EO Datasheet
82Kb / 6P
   Power MOSFETs from APEC provide the designer with the best combination of fast switching
logo
Shanghai Leiditech Elec...
PESD0402MV18 LEIDITECH-PESD0402MV18 Datasheet
1Mb / 6P
   The best ESD protection for high speed applications
logo
Cornell Dubilier Electr...
SLP CDE-SLP Datasheet
369Kb / 9P
   Best for switching power supplies
logo
Seoul Semiconductor
STB0C2PB SEOUL-STB0C2PB Datasheet
1Mb / 18P
   Achieving the best system for Horticulture
logo
Tyco Electronics
MT2-C93422 MACOM-MT2-C93422 Datasheet
488Kb / 9P
   The Best Relaytion
V23105 MACOM-V23105 Datasheet
498Kb / 11P
   The Best Relaytion
IM00TS MACOM-IM00TS Datasheet
795Kb / 11P
   The Best Relaytion
IM07TS MACOM-IM07TS Datasheet
610Kb / 10P
   The Best Relaytion
logo
TXC Corporation.
DX-SERIES TXC-DX-SERIES Datasheet
1,014Kb / 1P
   The best choice of Bluetooth, wireless communication set, DSC, PDA, and mobile phone.
logo
List of Unclassifed Man...
73CWPT ETC2-73CWPT Datasheet
357Kb / 3P
   THE PROFESSIONALS CHOICE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com