Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4621DY Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI4621DY
Description  P-Channel 20-V (D-S) MOSFET with Schottky Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4621DY Datasheet(HTML) 3 Page - Vishay Siliconix

  SI4621DY Datasheet HTML 1Page - Vishay Siliconix SI4621DY Datasheet HTML 2Page - Vishay Siliconix SI4621DY Datasheet HTML 3Page - Vishay Siliconix SI4621DY Datasheet HTML 4Page - Vishay Siliconix SI4621DY Datasheet HTML 5Page - Vishay Siliconix SI4621DY Datasheet HTML 6Page - Vishay Siliconix SI4621DY Datasheet HTML 7Page - Vishay Siliconix SI4621DY Datasheet HTML 8Page - Vishay Siliconix SI4621DY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 73855
S11-1648-Rev. D, 15-Aug-11
www.vishay.com
3
Vishay Siliconix
Si4621DY
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
- 6.2
A
Pulse Diode Forward Current
ISM
- 25
Body Diode Voltage
VSD
IS = - 1.7 A, VGS = 0 V
- 0.8
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 1.7 A, dI/dt = 100 A/µs, TJ = 25
°C
21
40
ns
Body Diode Reverse Recovery Charge
Qrr
10
20
nC
Reverse Recovery Fall Time
ta
7
ns
Reverse Recovery Rise Time
tb
16
SCHOTTKY SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Forward Voltage Drop
VF
IF = 1 A
0.41
0.45
V
IF = 1 A, TJ = 125 °C
0.36
0.41
Maximum Reverse Leakage Current
Irm
Vr = 20 V
0.02
0.20
mA
Vr = 20 V, TJ = 85 °C
0.7
7
Vr = 20 V, TJ = 125 °C
550
Junction Capacitance
CT
Vr = 10 V
60
pF


Similar Part No. - SI4621DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4620DY VISHAY-SI4620DY Datasheet
285Kb / 13P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 13-Jul-09
logo
Vishay Telefunken
SI4620DY TFUNK-SI4620DY Datasheet
287Kb / 13P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SI4620DY-T1-E3 VISHAY-SI4620DY-T1-E3 Datasheet
285Kb / 13P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 13-Jul-09
SI4620DY-T1-GE3 VISHAY-SI4620DY-T1-GE3 Datasheet
285Kb / 13P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 13-Jul-09
logo
Silicon Laboratories
SI4622-A10 SILABS-SI4622-A10 Datasheet
46Kb / 2P
   High-Performance, Single-Chip FM HD-Radio/RDS/RBDS
More results

Similar Description - SI4621DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3853DV VISHAY-SI3853DV Datasheet
71Kb / 6P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. A, 04-Oct-99
SI4845DY VISHAY-SI4845DY Datasheet
134Kb / 9P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 13-Jun-05
SI3805DV VISHAY-SI3805DV Datasheet
129Kb / 10P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. A, 22-Sep-08
SI4829DY VISHAY-SI4829DY Datasheet
110Kb / 10P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 12-Oct-09
SI5855CDC VISHAY-SI5855CDC Datasheet
132Kb / 9P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. A, 22-Sep-08
logo
Analog Power
AM3829P ANALOGPOWER-AM3829P Datasheet
287Kb / 5P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
logo
Vishay Siliconix
SIA811ADJ VISHAY-SIA811ADJ_V01 Datasheet
375Kb / 12P
   P-Channel 20 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBBD4290A VBSEMI-VBBD4290A_V01 Datasheet
928Kb / 11P
   P-Channel 20 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SI5857DU VISHAY-SI5857DU Datasheet
136Kb / 10P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. C, 23-Jun-08
SI4823DY VISHAY-SI4823DY Datasheet
287Kb / 12P
   P-Channel 20 V (D-S) MOSFET with Schottky Diode
Rev. C, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com