Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ7415AEN Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SQ7415AEN
Description  Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ7415AEN Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SQ7415AEN Datasheet HTML 4Page - Vishay Siliconix SQ7415AEN Datasheet HTML 5Page - Vishay Siliconix SQ7415AEN Datasheet HTML 6Page - Vishay Siliconix SQ7415AEN Datasheet HTML 7Page - Vishay Siliconix SQ7415AEN Datasheet HTML 8Page - Vishay Siliconix SQ7415AEN Datasheet HTML 9Page - Vishay Siliconix SQ7415AEN Datasheet HTML 10Page - Vishay Siliconix SQ7415AEN Datasheet HTML 11Page - Vishay Siliconix SQ7415AEN Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revison: 09-Jan-17
1
Document Number: 71656
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK® 1212-8, (Single / Dual)
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.97
1.04
1.12
0.038
0.041
0.044
A1
0.00
-
0.05
0.000
-
0.002
b
0.23
0.30
0.41
0.009
0.012
0.016
c
0.23
0.28
0.33
0.009
0.011
0.013
D
3.20
3.30
3.40
0.126
0.130
0.134
D1
2.95
3.05
3.15
0.116
0.120
0.124
D2
1.98
2.11
2.24
0.078
0.083
0.088
D3
0.48
-
0.89
0.019
-
0.035
D4
0.47 typ.
0.0185 typ
D5
2.3 typ.
0.090 typ
E
3.20
3.30
3.40
0.126
0.130
0.134
E1
2.95
3.05
3.15
0.116
0.120
0.124
E2
1.47
1.60
1.73
0.058
0.063
0.068
E3
1.75
1.85
1.98
0.069
0.073
0.078
E4
0.034 typ.
0.013 typ.
e
0.65 BSC
0.026 BSC
K
0.86 typ.
0.034 typ.
K1
0.35
-
-
0.014
-
-
H
0.30
0.41
0.51
0.012
0.016
0.020
L
0.30
0.43
0.56
0.012
0.017
0.022
L1
0.06
0.13
0.20
0.002
0.005
0.008
-
12°
-
12°
W
0.15
0.25
0.36
0.006
0.010
0.014
M
0.125 typ.
0.005 typ.
ECN: S16-2667-Rev. M, 09-Jan-17
DWG: 5882
Notes
1. Inch will govern
2 Dimensions exclusive of mold gate burrs
3. Dimensions exclusive of mold flash and cutting burrs
Backside view of single pad
Backside view of dual pad
Detail Z
D1
D2
E1
5
4
1
8
4
3
H
2
1
θ
θ
E2
L
4
3
2
1
A1
Z
K
W
E3
E4
K
H
E4
E2
L
E3
L1
2
2
E
H


Similar Part No. - SQ7415AEN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ7415AENW VISHAY-SQ7415AENW Datasheet
247Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 12-Oct-2020
SQ7415AENW VISHAY-SQ7415AENW_15 Datasheet
190Kb / 8P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 14-Sep-15
SQ7415AEN VISHAY-SQ7415AEN_15 Datasheet
549Kb / 14P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 26-Aug-13
More results

Similar Description - SQ7415AEN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ461EP VISHAY-SQJ461EP_15 Datasheet
173Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. E, 28-Nov-11
SQ2309ES VISHAY-SQ2309ES Datasheet
256Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ3427AEEV VISHAY-SQ3427AEEV Datasheet
270Kb / 12P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 16-Jul-15
SQ3427EEV VISHAY-SQ3427EEV Datasheet
211Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQM50P06-15L VISHAY-SQM50P06-15L_15 Datasheet
163Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQM90P06-07L VISHAY-SQM90P06-07L_15 Datasheet
151Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 17-Mar-14
SQM110P068M9L VISHAY-SQM110P068M9L_15 Datasheet
175Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 22-Oct-12
SQM120P06-07L VISHAY-SQM120P06-07L_15 Datasheet
163Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQJA61EP VISHAY-SQJA61EP_V01 Datasheet
183Kb / 6P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50P06-15L VISHAY-SQD50P06-15L_V02 Datasheet
155Kb / 8P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3427AEEV VISHAY-SQ3427AEEV_V02 Datasheet
292Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com