Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW1683 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW1683
Description  3-Channel Power Supply Supervisor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW1683 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW1683 Datasheet HTML 1Page - Anpec Electronics Coropration APW1683 Datasheet HTML 2Page - Anpec Electronics Coropration APW1683 Datasheet HTML 3Page - Anpec Electronics Coropration APW1683 Datasheet HTML 4Page - Anpec Electronics Coropration APW1683 Datasheet HTML 5Page - Anpec Electronics Coropration APW1683 Datasheet HTML 6Page - Anpec Electronics Coropration APW1683 Datasheet HTML 7Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. P.2 - Aug., 2001
APW1683
www.anpec.com.tw
4
Electrical Characteristics
APW1683
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Over Voltage Protection
V
S33
3.7
3.9
4.1
V
S5
5.7
6.1
6.5
Over Voltage Threshold
V
CC
13.2
13.8
14.4
V
I
LKG
Leakage Current ( FPO )V( FPO )=5V
5
µA
I
SINK= 10mA
0.3
V
OL
Low Level Output Voltage ( FPO )
I
SINK= 30mA
0.7
V
V
OH
FPO Pin Pull High Voltage
15
V
PGI and PGO
PGI1
1.1
1.15
1.2
Input Threshold Voltage (PGI)
PGI2
0.9
0.95
1.0
V
V
S33
2.0
2.2
2.4
Under Voltage threshold
V
S5
3.3
3.5
3.7
V
Under Voltage Protection Delay Time
(3.3V and 5V)
49
75
114
ms
I
LKG
Leakage Current (PGO)
PGO=5V
5
µA
V
OL
Low Level Output Voltage (PGO)
Sink Current = 10mA
0.4
V
V
OH
PGO Pin Pull High Voltage
7
V
PSON Control
Input Pull-Up Current
PSON = 0V
150
µA
High-Level Input Voltage
2.4
V
Low-Level Input Voltage
1.2
V
Total Device
V
CC
Supply Voltage
4
15
V
I
CC
Supply Current
PSON =5V
1mA
Switching Characteristics
t
d1
Delay time (PGI to PGO)
200
300
450
ms
t
b
Debounce Time ( PSON )
24
38
57
ms
T
dg
Noise Deglitch Time
47
73
110
µs
t
d2
Delay Time ( PSON to FPO )
t
b+1.1
t
b+2.3
t
b+4
ms


Similar Part No. - APW1683

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW1680 ANPEC-APW1680 Datasheet
84Kb / 7P
   3-Channel Power Supply Supervisor
APW1680JC-TU ANPEC-APW1680JC-TU Datasheet
84Kb / 7P
   3-Channel Power Supply Supervisor
APW1681 ANPEC-APW1681 Datasheet
82Kb / 7P
   3-Channel Power Supply Supervisor
APW1681JC-TU ANPEC-APW1681JC-TU Datasheet
82Kb / 7P
   3-Channel Power Supply Supervisor
More results

Similar Description - APW1683

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW1680 ANPEC-APW1680 Datasheet
84Kb / 7P
   3-Channel Power Supply Supervisor
logo
Texas Instruments
TPS5510 TI1-TPS5510_05 Datasheet
119Kb / 7P
[Old version datasheet]   3-CHANNEL POWER SUPPLY SUPERVISOR
logo
Anpec Electronics Corop...
APW1681 ANPEC-APW1681 Datasheet
82Kb / 7P
   3-Channel Power Supply Supervisor
logo
Texas Instruments
TPS5511 TI-TPS5511 Datasheet
118Kb / 8P
[Old version datasheet]   3-CHANNEL POWER SUPPLY SUPERVISOR
TPS5510 TI-TPS5510 Datasheet
91Kb / 6P
[Old version datasheet]   3-CHANNEL POWER SUPPLY SUPERVISOR
logo
Advanced Analog Technol...
AAT1014 AAT-AAT1014 Datasheet
136Kb / 11P
   3-CHANNEL PC POWER SUPPLY SUPERVISOR
AAT1015 AAT-AAT1015 Datasheet
130Kb / 11P
   3-CHANNEL PC POWER SUPPLY SUPERVISOR
logo
Grenergy Opto, lnc.
GR8313 GRENERGY-GR8313 Datasheet
729Kb / 10P
   3-Channel Supervisor IC for Power Supply
logo
IMP, Inc
IMP809 IMP-IMP809 Datasheet
167Kb / 7P
   3-Pin Microcontroller Power Supply Supervisor
IMP6303 IMP-IMP6303 Datasheet
144Kb / 8P
   3-Pin Microcontroller Power Supply Supervisor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com