Electronic Components Datasheet Search |
|
1041970 Datasheet(PDF) 3 Page - SICK AG |
|
1041970 Datasheet(HTML) 3 Page - SICK AG |
3 / 7 page CLV630-1000 | CLV63x BAR CODE SCANNERS Function PROFINET Dual Port (optional via external connection module CDF600-2) EtherCAT® ✔ Type of fieldbus integration Optional over external fieldbus module CDF600 Serial ✔, RS-232, RS-422, RS-485 Function Host, AUX Data transmission rate 2,400 Baud ... 115.2 kBaud, AUX: 57.6 kBaud (RS-232) CAN ✔ Function SICK CAN sensor network (Master/Slave, Multiplexer/Server) Data transmission rate 20 kbit/s ... 1 Mbit/s CANopen ✔ Data transmission rate 20 kbit/s ... 1 Mbit/s PROFIBUS DP ✔ Type of fieldbus integration Optional over external fieldbus module CDF600-2 DeviceNet™ ✔ Type of fieldbus integration Optional via external connection module CDM + CMF Switching inputs 4 (“Sensor 1”, “Sensor 2”, 2 inputs via optional parameter storage CMC600 in CDB620/ CDM420) Switching outputs 4 (“Result 1”, “Result 2”, 2 outputs via optional parameter storage CMC600 in CDB620/ CDM420) Reading pulse Switching input “Sensor 1”, non-powered, serial interface, auto pulse, CAN Optical indicators 6 LEDs (Ready, Result, laser, Data, CAN, LNK TX, Bar graph for displaying the reading rate per- centage (10 LEDs)) Acoustic indicators Beeper/buzzer (can be switched off, can be allocated as a result indication function) Operating elements 2 buttons (choose and start/stop functions) Configuration software SOPAS ET Memory card MicroSD memory card (flash card) 512 MB, optional Mechanics/electronics Electrical connection 1 x 15-pin D-Sub HD male connector (0.9 m) Operating voltage 18 V DC ... 30 V DC Power consumption 5 W Housing Aluminum die cast Housing color Light blue (RAL 5012) Front screen Glass Enclosure rating IP65 (EN 60529) Protection class III (EN 61140) Weight 320 g, with connecting cable Dimensions (L x W x H) 61 mm x 96 mm x 38 mm Ambient data Electromagnetic compatibility (EMC) EN 61000-6-3 (2001-10) / EN 61000-6-2:2005 Vibration resistance EN 60068-2-6 (1995) Shock resistance EN 60068-2-27 (1993) Ambient operating temperature 0 °C ... +40 °C Storage temperature –20 °C ... +70 °C 2017-03-21 14:30:08 | Online data sheet Subject to change without notice IDENTIFICATION SOLUTIONS | SICK 3 |
Similar Part No. - 1041970 |
|
Similar Description - 1041970 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |