Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V2F126X500Y1FDP Datasheet(PDF) 5 Page - AVX Corporation

Part # V2F126X500Y1FDP
Description  TransFeed
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

V2F126X500Y1FDP Datasheet(HTML) 5 Page - AVX Corporation

  V2F126X500Y1FDP Datasheet HTML 1Page - AVX Corporation V2F126X500Y1FDP Datasheet HTML 2Page - AVX Corporation V2F126X500Y1FDP Datasheet HTML 3Page - AVX Corporation V2F126X500Y1FDP Datasheet HTML 4Page - AVX Corporation V2F126X500Y1FDP Datasheet HTML 5Page - AVX Corporation V2F126X500Y1FDP Datasheet HTML 6Page - AVX Corporation V2F126X500Y1FDP Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
87
080216
CURRENT vs TEMPERATURE
0805 – 0.1 Joule
CURRENT vs TEMPERATURE
0805 – 0.3 Joule
TransFeed
AVX Multilayer Ceramic Transient Voltage Suppressors
TVS Protection and EMI Attenuation in a Single Chip
PERFORMANCE CHARACTERISTICS
18LC
18V
14V
5V
9V
30
25
Note:
Dashed
Portions
Not Guaranteed
20
0.3
0.5
0.75
Current (Amps)
1
18V
14V
5V
30
25
20
0.25
0
0.5
0.75
Current (Amps)
1


Similar Part No. - V2F126X500Y1FDP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
V2F105A150Y2E AVX-V2F105A150Y2E Datasheet
385Kb / 8P
   TransFeed AVX Multilayer Cermic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
V2F105A150Y2E AVX-V2F105A150Y2E Datasheet
385Kb / 8P
   AVX Multilayer Ceramic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
V2F105A150Y2EDP AVX-V2F105A150Y2EDP Datasheet
247Kb / 8P
   AVX Multilayer Ceramic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
V2F105A150Y2ERP AVX-V2F105A150Y2ERP Datasheet
385Kb / 8P
   TransFeed AVX Multilayer Cermic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
V2F105C150Y1F AVX-V2F105C150Y1F Datasheet
385Kb / 8P
   TransFeed AVX Multilayer Cermic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
More results

Similar Description - V2F126X500Y1FDP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
V2AF105A150Y2EDP AVX-V2AF105A150Y2EDP Datasheet
143Kb / 5P
   TransFeed Automotive Series
V2F105A150Y2ERP AVX-V2F105A150Y2ERP Datasheet
385Kb / 8P
   TransFeed AVX Multilayer Cermic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com