Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C350C473KZR5TA7301 Datasheet(PDF) 4 Page - Kemet Corporation

Part # C350C473KZR5TA7301
Description  High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C350C473KZR5TA7301 Datasheet(HTML) 4 Page - Kemet Corporation

  C350C473KZR5TA7301 Datasheet HTML 1Page - Kemet Corporation C350C473KZR5TA7301 Datasheet HTML 2Page - Kemet Corporation C350C473KZR5TA7301 Datasheet HTML 3Page - Kemet Corporation C350C473KZR5TA7301 Datasheet HTML 4Page - Kemet Corporation C350C473KZR5TA7301 Datasheet HTML 5Page - Kemet Corporation C350C473KZR5TA7301 Datasheet HTML 6Page - Kemet Corporation C350C473KZR5TA7301 Datasheet HTML 7Page - Kemet Corporation C350C473KZR5TA7301 Datasheet HTML 8Page - Kemet Corporation C350C473KZR5TA7301 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1055_HV_GOLDMAX_300_X7R • 11/29/2016
4
Radial Leaded Multilayer Ceramic Capacitors
High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
Qualification/Certification
Commercial Grade products are subject to internal qualification. Details regarding test methods and conditions are
referenced in Table 2, Performance & Reliability.
Environmental Compliance
Lead (Pb)-free, REACH and RoHS compliant without exemptions when ordered with a 100% tin (Sn) wire lead finish.
Product ordered with tin/ lead (Sn60/Pb40) wire lead finish do not meet RoHS criteria.
Series
Termination
Finish
(Wire Lead)
RoHS
Compliant
RoHS
Exemption
Code
REACH
Compliant1
Halogen
Free
300 (C3XX)
100% Matte Sn
Yes
n/a
Yes
Yes
Sn60/Pb40
No
n/a
Yes
Yes
1
REACHcomplianceindicatesproductdoesnotcontainSubstance/sofVeryHighConcern(SVHC)
Electrical Parameters/Characteristics
Item
Parameters/Characteristics
Operating Temperature Range
−55°C to +125°C
Capacitance Change with Reference to
+25°C and 0 VDC Applied (TCC)
±15%
Aging Rate (Maximum % Cap Loss/Decade Hour)
3.0%
Dielectric Withstanding Voltage
150% of rated voltage for voltage rating of < 1,000 V
120% of rated voltage for voltage rating of ≥ 1,000 V
(5±1 seconds and charge/discharge not exceeding 50 mA at 25°C)
Dissipation Factor (DF) Maximum Limit at 25ºC
2.5%
Insulation Resistance (IR) Limit at 25°C
See Insulation Resistance Limit Table
(500 VDC applied for 120±5 seconds at 25°C)
Regardingagingrate:Capacitancemeasurements(includingtolerance)areindexedtoarefereetimeof1,000hours.
ToobtainIRlimit,divideMΩ-µFvaluebythecapacitanceandcomparetoGΩlimit.Selectthelowerofthetwolimits.
Capacitanceanddissipationfactor(DF)measuredunderthefollowingconditions:
1kHz±50Hzand1.0±0.2V
rms
Note:Whenmeasuringcapacitanceitisimportanttoensurethesetvoltagelevelisheldconstant.TheHP4284andAgilentE4980haveafeatureknown
as Automatic Level Control (ALC). The ALC feature should be switched to "ON."


Similar Part No. - C350C473KZR5TA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C350C473KZR5TA7301 KEMET-C350C473KZR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C350C473KZR5TA7301 KEMET-C350C473KZR5TA7301 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
More results

Similar Description - C350C473KZR5TA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_V01 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
C320C332JCG5TA7301 KEMET-C320C332JCG5TA7301 Datasheet
1Mb / 22P
   High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 ??3,000 VDC (Commercial Grade)
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301_V01 Datasheet
2Mb / 19P
   Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 25 – 250 VDC (Commercial Grade)
9/29/2020
C1210C154KCRACTU KEMET-C1210C154KCRACTU_V01 Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU Datasheet
1Mb / 23P
   High Voltage X7R Dielectric, 500 - 3,000 VDC(Commercial Grade)
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO Datasheet
1Mb / 21P
   High Voltage X7R Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO_V01 Datasheet
795Kb / 22P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C410C105K3R5TA7200 KEMET-C410C105K3R5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
C1812C102JCGACTU KEMET-C1812C102JCGACTU Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com