Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFNL5BM6SFH Datasheet(PDF) 2 Page - Rohm

Part # RFNL5BM6SFH
Description  Super Fast Recovery Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RFNL5BM6SFH Datasheet(HTML) 2 Page - Rohm

  RFNL5BM6SFH Datasheet HTML 1Page - Rohm RFNL5BM6SFH Datasheet HTML 2Page - Rohm RFNL5BM6SFH Datasheet HTML 3Page - Rohm RFNL5BM6SFH Datasheet HTML 4Page - Rohm RFNL5BM6SFH Datasheet HTML 5Page - Rohm RFNL5BM6SFH Datasheet HTML 6Page - Rohm RFNL5BM6SFH Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Data Sheet
RFNL5BM6SFH
Electrical characteristic curves
0.1
1
10
100
1000
10000
100000
0
100
200
300
400
500
600
T
j = 25°C
T
j = 150°C
T
j = 75°C
T
j = 125°C
0.1
1
10
100
0
500
1000
1500
2000
2500
T
j = 75°C
T
j = 25°C
T
j = 125°C
T
j = 150°C
1
10
100
1000
0
5
10
15
20
25
30
f = 1MHz
T
a = 25°C
1
10
100
1000
110
100
T
j = 25°C
FORWARD VOLTAGE : V
F(mV)
V
F-IF CHARACTERISTICS
REVERSE VOLTAGE : V
R(V)
V
R-IR CHARACTERISTICS
REVERSE VOLTAGE : V
R(V)
V
R-Ct CHARACTERISTICS
NUMBER OF CYCLES
I
FSM-CYCLE CHARACTERISTICS
1cyc.
8.3ms
I
FSM
8.3ms
2/4
2016.02 - Rev.C


Similar Part No. - RFNL5BM6SFH

ManufacturerPart #DatasheetDescription
logo
Rohm
RFNL5BM6SFH ROHM-RFNL5BM6SFH Datasheet
589Kb / 5P
   Super Fast Recovery Diode
More results

Similar Description - RFNL5BM6SFH

ManufacturerPart #DatasheetDescription
logo
Rohm
RF2L6S ROHM-RF2L6S Datasheet
318Kb / 3P
   Super Fast Recovery Diode
RF505B6S ROHM-RF505B6S Datasheet
447Kb / 4P
   Super Fast Recovery Diode
logo
Shindengen Electric Mfg...
DF10LC30 SHINDENGEN-DF10LC30 Datasheet
558Kb / 2P
   Super Fast Recovery Diode
M2FL20U SHINDENGEN-M2FL20U Datasheet
605Kb / 2P
   Super Fast Recovery Diode
logo
Rohm
RFU20TM5S ROHM-RFU20TM5S_11 Datasheet
1,019Kb / 4P
   Super Fast Recovery Diode
RFUS20TM4S ROHM-RFUS20TM4S_11 Datasheet
993Kb / 4P
   Super Fast Recovery Diode
RFU20TM5S ROHM-RFU20TM5S Datasheet
303Kb / 4P
   Super Fast Recovery Diode
RFN10NS3S ROHM-RFN10NS3S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFU02VS6S ROHM-RFU02VS6S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFUS10TF4S ROHM-RFUS10TF4S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFUS20NS4S ROHM-RFUS20NS4S_11 Datasheet
1Mb / 5P
   Super Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com