Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1206X393FCGACTU Datasheet(PDF) 5 Page - Kemet Corporation

Part # C1206X393FCGACTU
Description  High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500VDC - 3000VDC (Commercial & Automotive Grade)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206X393FCGACTU Datasheet(HTML) 5 Page - Kemet Corporation

  C1206X393FCGACTU Datasheet HTML 1Page - Kemet Corporation C1206X393FCGACTU Datasheet HTML 2Page - Kemet Corporation C1206X393FCGACTU Datasheet HTML 3Page - Kemet Corporation C1206X393FCGACTU Datasheet HTML 4Page - Kemet Corporation C1206X393FCGACTU Datasheet HTML 5Page - Kemet Corporation C1206X393FCGACTU Datasheet HTML 6Page - Kemet Corporation C1206X393FCGACTU Datasheet HTML 7Page - Kemet Corporation C1206X393FCGACTU Datasheet HTML 8Page - Kemet Corporation C1206X393FCGACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1070_C0G_HV_FT-CAP • 1/23/2014
5
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500VDC – 3000VDC (Commerical & Automotive Grade)
Table 1A – Capacitance Range/Selection Waterfall (0805 – 1808 Case Sizes) cont’d
KEMET reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage capability within
the same form factor (configuration and dimensions).
These products are protected under US Patents 7,172,985 and 7,670,981, other patents pending, and any foreign counterparts..
Capacitance Cap Code
Case Size / Series
C0805X
C1206X
C1210X
C1808X
Voltage Code
C
B
D
C
B
D
F
G
C
B
D
F
G
C
B
D
F
G
Z
H
Rated Voltage (VDC)
Capacitance Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
1,200 pF
122
F G J K M
EF EG
FM FK FK FS
LC LC LC LC
1,300 pF
132
F G J K M
EF EG
FM FS FS
LC LC LC LC
1,500 pF
152
F G J K M
EF EG
FK FS FS
LC LC LC LC
1,600 pF
162
F G J K M
EF EG
FK FS FS
LC LC LC
1,800 pF
182
F G J K M
EF EG
FK FS FS
LC LC LC
2,000 pF
202
F G J K M
EG
FK FL FS
LC LA LB
2,200 pF
222
F G J K M
EG
FK FL FS
LC LA LB
2,400 pF
242
F G J K M
EG
FS FL FS
LC LA LB
2,700 pF
272
F G J K M
EG
FS FL FS
LC LA LC
3,000 pF
302
F G J K M
FS FL
LA LA
3,300 pF
332
F G J K M
FS FM
LA LA
3,600 pF
362
F G J K M
FL FM
LA LB
3,900 pF
392
F G J K M
FL FY
LA LB
4,300 pF
432
F G J K M
FM FY
LA LC
4,700 pF
472
F G J K M
FM FY
LA LC
5,100 pF
512
F G J K M
FY FS
LA
5,200 pF
562
F G J K M
FY FS
LB
6,200pF
622
F G J K M
FY
LC
6,800pF
682
F G J K M
FY
LC
7,500pF
752
F G J K M
FS
8,200pF
822
F G J K M
FS
Capacitance
Cap Code
Rated Voltage (VDC)
Voltage Code
C
B
D
C
B
D
F
G
C
B
D
F
G
C
B
D
F
G
Z
H
Case Size / Series
C0805X
C1206X
C1210X
C1808X
Roll Over for
Order Info.
C
2225
X
393
J
C
G
A
C
TU
Ceramic Case Size
(L" x W")
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Dielectric Failure Rate/
Design
Termination
Finish
Packaging/Grade (C-Spec)
0805
1206
1210
1808
1812
1825
2220
2225
X= Flexible
Termination
2 significant digits +
number of zeros.
B = ±0.10 pF
C = ±0.25 pF
D = ±0.5 pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
M = ±20%
C = 500 V
B = 630 V
D = 1000 V
F = 1500 V
G = 2000 V
Z = 2500 V
H = 3000 V
G = C0G
A = N/A
C = 100%
Matte Sn
L = SnPb (5%
minimum)
Blank = Bulk
TU = 7" Reel - Unmarked
AUTO = Automotive Grade
7” Reel - Unmarked


Similar Part No. - C1206X393FCGACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206X393FCGACTU KEMET-C1206X393FCGACTU Datasheet
825Kb / 23P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
2/28/2023
More results

Similar Description - C1206X393FCGACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210X473KCRACTU KEMET-C1210X473KCRACTU Datasheet
1Mb / 17P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500VDC-3000VDC (Commercial Grade)
C2225X393JCGACTU KEMET-C2225X393JCGACTU_V01 Datasheet
825Kb / 23P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
2/28/2023
C2225X393JCGACAUTO KEMET-C2225X393JCGACAUTO Datasheet
1Mb / 21P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C2225X393JCGACAUTO KEMET-C2225X393JCGACAUTO_17 Datasheet
1Mb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1812X104KDRACTU KEMET-C1812X104KDRACTU Datasheet
2Mb / 21P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1206X102KGRACTU KEMET-C1206X102KGRACTU Datasheet
715Kb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU Datasheet
1Mb / 21P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1210X154KCRACTU KEMET-C1210X154KCRACTU Datasheet
1Mb / 22P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com