Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R75TD2820AA50M Datasheet(PDF) 1 Page - Kemet Corporation

Part # R75TD2820AA50M
Description  R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R75TD2820AA50M Datasheet(HTML) 1 Page - Kemet Corporation

  R75TD2820AA50M Datasheet HTML 1Page - Kemet Corporation R75TD2820AA50M Datasheet HTML 2Page - Kemet Corporation R75TD2820AA50M Datasheet HTML 3Page - Kemet Corporation R75TD2820AA50M Datasheet HTML 4Page - Kemet Corporation R75TD2820AA50M Datasheet HTML 5Page - Kemet Corporation R75TD2820AA50M Datasheet HTML 6Page - Kemet Corporation R75TD2820AA50M Datasheet HTML 7Page - Kemet Corporation R75TD2820AA50M Datasheet HTML 8Page - Kemet Corporation R75TD2820AA50M Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3106_R75 • 8/23/2016
1
One world. One KEMET
Benefits
• Voltage range: 160 – 2,000 VDC
• Capacitance range: 220 pF – 33 µF
• Lead Spacing: 7.5 – 37.5 mm
• Capacitance tolerance: ±5%, ±10%, ±20%
• Climatic category: 55/105/56 IEC 60068–1
• Operatingtemperaturerangeof−55˚Cto+105˚C
• RoHS compliance and lead-free terminations
• Tape and reel packaging in accordance with IEC 60286–2
• Self-healing
• Automotive (AEC–Q200) grades available up to lead
spacing 22.5mm
Overview
The R75 Series is constructed of metallized polypropylene
filmwithradialleadsoftinnedwire.Theradialleads
are electrically welded to the metal layer on the ends of
the capacitor winding. The capacitor is encapsulated in
a self-extinguishing solvent resistant plastic case with
thermosetting resin material meeting the UL 94V–0
requirements. Two different winding constructions are used
depending on voltage parameters and lead spacing. Please
see the Performance Characteristics for more information.
Automotive grade devices are available (up to lead spacing
22.5 mm) and meet the demanding Automotive Electronics
Council'sAEC–Q200qualificationrequirements.
Applications
Typicalapplicationsincludedeflectioncircuitsintelevisions
(S-correction), resonant capacitor in electronic ballast
and compact lamp, power factor correction and coupling
capacitor in switched mode power supply (SMPS), timing
and oscillator circuits. Not suitable for across-the-line
application (see Suppressor Capacitors).
Polypropylene Pulse/High Frequency Capacitors
R75 Series Single Metallized Polypropylene Film, Radial,
DC and Pulse Applications (Automotive Grade)
Part Number System
R75
P
N
2820
AA
30
K
Series
Rated Voltage (VDC) Lead Spacing (mm) Capacitance Code
(pF)
Packaging
Internal Use
Capacitance
Tolerance
Metallized
Polypropylene
G = 160
I = 250
M = 400
P = 630
Q = 1,000
R = 1,250
T = 1,600
U = 2,000
D = 7.5
F = 10
I = 15
N = 22.5
R = 27.5
W = 37.5
The last three
digits represent
significantfigures.
Thefirstdigit
specifiesthetotal
number of zeros
to be added.
See Ordering
Options Table
00
10
30
40
50
60
70
80
J = ±5%
K = ±10%
M = ±20%
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - R75TD2820AA50M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R75TD2820AA50M KEMET-R75TD2820AA50M Datasheet
722Kb / 26P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
R75TD2820AA50M KEMET-R75TD2820AA50M Datasheet
2Mb / 34P
   R75, Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
3/26/2021
More results

Similar Description - R75TD2820AA50M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R75 KEMET-R75 Datasheet
2Mb / 34P
   R75, Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
3/26/2021
R75PN2820AA30K KEMET-R75PN2820AA30K Datasheet
722Kb / 26P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Kemet Corporation
F461KE223J160C KEMET-F461KE223J160C Datasheet
1Mb / 32P
   General Purpose, Pulse and DC Transient Suppression Single Metallized Polypropylene Film
logo
Illinois Capacitor, Inc...
222PPR202KE ILLINOISCAPACITOR-222PPR202KE_13 Datasheet
435Kb / 3P
   Small size Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Kemet Corporation
R71MF2100AA00J KEMET-R71MF2100AA00J Datasheet
2Mb / 21P
   R71 Series Single Metallized Polypropylene Film, Radial, SMPS PFC Applications
logo
List of Unclassifed Man...
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com