Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFN20T2DFH Datasheet(PDF) 2 Page - Rohm

Part # RFN20T2DFH
Description  Super Fast Recovery Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RFN20T2DFH Datasheet(HTML) 2 Page - Rohm

  RFN20T2DFH Datasheet HTML 1Page - Rohm RFN20T2DFH Datasheet HTML 2Page - Rohm RFN20T2DFH Datasheet HTML 3Page - Rohm RFN20T2DFH Datasheet HTML 4Page - Rohm RFN20T2DFH Datasheet HTML 5Page - Rohm RFN20T2DFH Datasheet HTML 6Page - Rohm RFN20T2DFH Datasheet HTML 7Page - Rohm RFN20T2DFH Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RFN20T2DFH
 
0.001
0.01
0.1
1
10
100
0
500
1000
1500
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
Tj=125°C
Tj=25°C
Tj=150°C
Tj=75°C
per diode
1
10
100
1000
10000
100000
0
50
100
150
200
Tj=125°C
Tj=25°C
Tj=150°C
Tj=75°C
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
per diode
10
100
1000
0
5
10
15
20
25
30
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
f=1MHz
Tj=25°C
per diode
800
850
900
950
1000
VF DISPERSION MAP
AVE:898.3mV
Tj=25°C
IF=10A
n=20pcs
per diode
1
10
100
IR DISPERSION MAP
Tj=25°C
VR=200V
n=20pcs
per diode
AVE:18.0nA
200
220
240
260
280
300
AVE:257.4pF
Ta=25°C
f=1MHz
VR=0V
n=10pcs
per diode
Ct DISPERSION MAP
2/4
2011.12 - Rev.A


Similar Part No. - RFN20T2DFH

ManufacturerPart #DatasheetDescription
logo
Rohm
RFN20T2D ROHM-RFN20T2D Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFN20T2DNZ ROHM-RFN20T2DNZ Datasheet
1Mb / 7P
   Super Fast Recovery Diode
2018.01 - Rev.A
More results

Similar Description - RFN20T2DFH

ManufacturerPart #DatasheetDescription
logo
Rohm
RF2L6S ROHM-RF2L6S Datasheet
318Kb / 3P
   Super Fast Recovery Diode
RF505B6S ROHM-RF505B6S Datasheet
447Kb / 4P
   Super Fast Recovery Diode
logo
Shindengen Electric Mfg...
DF10LC30 SHINDENGEN-DF10LC30 Datasheet
558Kb / 2P
   Super Fast Recovery Diode
M2FL20U SHINDENGEN-M2FL20U Datasheet
605Kb / 2P
   Super Fast Recovery Diode
logo
Rohm
RFU20TM5S ROHM-RFU20TM5S_11 Datasheet
1,019Kb / 4P
   Super Fast Recovery Diode
RFUS20TM4S ROHM-RFUS20TM4S_11 Datasheet
993Kb / 4P
   Super Fast Recovery Diode
RFU20TM5S ROHM-RFU20TM5S Datasheet
303Kb / 4P
   Super Fast Recovery Diode
RFN10NS3S ROHM-RFN10NS3S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFU02VS6S ROHM-RFU02VS6S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFUS10TF4S ROHM-RFUS10TF4S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFUS20NS4S ROHM-RFUS20NS4S_11 Datasheet
1Mb / 5P
   Super Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com