Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA178M07T Datasheet(PDF) 2 Page - Rohm

Part # BA178M07T
Description  Standard 78M series, 3-pin regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA178M07T Datasheet(HTML) 2 Page - Rohm

  BA178M07T Datasheet HTML 1Page - Rohm BA178M07T Datasheet HTML 2Page - Rohm BA178M07T Datasheet HTML 3Page - Rohm BA178M07T Datasheet HTML 4Page - Rohm BA178M07T Datasheet HTML 5Page - Rohm BA178M07T Datasheet HTML 6Page - Rohm BA178M07T Datasheet HTML 7Page - Rohm BA178M07T Datasheet HTML 8Page - Rohm BA178M07T Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BA178M!!T / BA178M!!FP series
Regulator ICs
"
"
"
"
Internal circuit configuration diagram
R4
R2
R16
R15
C1
R10
R8
R9
R11
R12
R20
R19
R21
R17
R13
D2
R5
R6
R1
R7
R22
R10
R3
R14
D3
D1
Q3
Q11
Q4
Q2
Q7
Q5
Q13
Q12
Q10
Q6
Q8
Q9
Q15
Q16
Q17
Q1
Q14
Q18
(2)
COMMON
(3)
OUTPUT
(1)
INPUT
"
"
"
"
Absolute maximum ratings (Ta=25
°C)
^Common specifications for BA178M!!T / FP seriesp
Parameter
Symbol
Limits
Unit
Applied voltage
VIN
35
V
Power dissipation
W
Operating temperature
Topr
°C
Storage temperature
Tstg
°C
2.0
1.0
−40~
+85
−55~
+150
Pd
TO220FP
TO252
−3
Reduced by 16 mW (TO220FP) and 8 mW (TO252-3) for each increase in Ta of 1°C over 25°C
(without heat sink).
"
"
"
"
Recommended operating conditions (Ta=25
°C)
BA178M05T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
7.5
V
0.5
A
Output current
20
VIN
IO
BA178M07T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
9.5
22
V
−−
0.5
A
VIN
IO
Input voltage
Output current
BA178M09T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
11.5
V
−−
0.5
A
24
VIN
IO
Input voltage
Output current
BA178M06T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
8.5
21
V
−−
0.5
A
VIN
IO
Input voltage
Output current
BA178M08T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
10.5
23
V
−−
0.5
A
VIN
IO
Input voltage
Output current
BA178M10T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
12.5
25
V
−−
0.5
A
VIN
IO
Input voltage
Output current


Similar Part No. - BA178M07T

ManufacturerPart #DatasheetDescription
logo
Rohm
BA178M07T ROHM-BA178M07T Datasheet
251Kb / 6P
   Three-Terminal Regulator
More results

Similar Description - BA178M07T

ManufacturerPart #DatasheetDescription
logo
Rohm
BA17805T ROHM-BA17805T Datasheet
122Kb / 11P
   Standard 78 series, 3-pin regulator
logo
Panasonic Semiconductor
AN6541 PANASONIC-AN6541 Datasheet
25Kb / 3P
   3-pin Positive Voltage Regulator
logo
XP Power Limited
SR10S1V8 XPPOWER-SR10S1V8 Datasheet
86Kb / 1P
   3 Pin SIP 3T Switching Regulator
logo
Analog Intergrations Co...
AIC1721 AIC-AIC1721 Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
logo
Panasonic Semiconductor
AN79LXX PANASONIC-AN79LXX Datasheet
145Kb / 12P
   3-pin negative output voltage regulator
logo
XP Power Limited
SR05S05 XPPOWER-SR05S05 Datasheet
86Kb / 1P
   3 Pin SIP 3T Switching Regulator
logo
Cherry Semiconductor Co...
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
logo
Rohm
BA03T ROHM-BA03T_1 Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Cherry Semiconductor Co...
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com