Electronic Components Datasheet Search |
|
L3A41C104M4B2F Datasheet(PDF) 2 Page - AVX Corporation |
|
L3A41C104M4B2F Datasheet(HTML) 2 Page - AVX Corporation |
2 / 3 page 68 Automotive Capacitor Array (IPC) 0508 - 4 Element 0612 - 4 Element As the market leader in the development and manufacture of capacitor arrays AVX is pleased to offer a range of AEC-Q200 qualified arrays to compliment our product offering to the Automotive industry. Both the AVX 0612 and 0508 4-element capacitor array styles are qualified to the AEC-Q200 automotive specifications. AEC-Q200 is the Automotive Industry qualification standard and a detailed qualification package is available on request. All AVX automotive capacitor array production facilities are certified to ISO/TS 16949:2002. *Contact factory for availability by part number for K = ±10% and J = ±5% tolerance. HOW TO ORDER W Style W = RoHS L = SnPb 3 Case Size 2 = 0508 3 = 0612 A Array 4 Number of Caps Y Voltage Z = 10V Y = 16V 3 = 25V 5 = 50V 1 = 100V C Dielectric A = NP0 C = X7R F = X8R 104 Capacitance Code (In pF) Significant Digits + Number of Zeros e.g. 10μF=106 K Capacitance Tolerance *J = ±5% *K = ±10% M = ±20% 4 Failure Rate 4 = Automotive 2A Packaging & Quantity Code 2A = 7" Reel (4000) 4A = 13" Reel (10000) 2F = 7" Reel (1000) T Terminations *T = Plated Ni and Sn *Z = FLEXITERM® B = 5% min lead X = FLEXITERM® with 5% min lead SIZE W2 = 0508 W2 = 0508 W3 = 0612 No. of Elements 24 4 WVDC 16 25 50 100 16 25 50 100 10 16 25 50 100 101 Cap 100 121 (pF) 120 151 150 181 180 221 220 271 270 331 330 391 390 471 470 561 560 681 680 821 820 102 1000 122 1200 152 1500 182 1800 222 2200 272 2700 332 3300 392 3900 472 4700 562 5600 682 6800 822 8200 103 Cap 0.010 123 (μF) 0.012 153 0.015 183 0.018 223 0.022 273 0.027 333 0.033 393 0.039 473 0.047 563 0.056 683 0.068 823 0.082 104 0.10 124 0.12 154 0.15 224 0.22 SIZE W2 = 0508 W3 = 0612 No. of Elements 44 WVDC 16 25 50 100 16 25 50 100 1R0 Cap 1.0 1R2 (pF) 1.2 1R5 1.5 1R8 1.8 2R2 2.2 2R7 2.7 3R3 3.3 3R9 3.9 4R7 4.7 5R6 5.6 6R8 6.8 8R2 8.2 100 10 120 12 150 15 180 18 220 22 270 27 330 33 390 39 470 47 560 56 680 68 820 82 101 100 121 120 151 150 181 180 221 220 271 270 331 330 391 390 471 470 561 560 681 680 821 820 102 1000 122 1200 152 1500 182 1800 222 2200 272 2700 332 3300 392 3900 472 4700 562 5600 682 6800 822 8200 X7R NP0/C0G = X7R = NPO/COG *RoHS compliant Not RoHS Compliant LEAD-FREE COMPATIBLE COMPONENT For RoHS compliant products, please select correct termination style. |
Similar Part No. - L3A41C104M4B2F |
|
Similar Description - L3A41C104M4B2F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |